Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 4 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 4 Page - Analog Devices

  ADF41513 Datasheet HTML 1Page - Analog Devices ADF41513 Datasheet HTML 2Page - Analog Devices ADF41513 Datasheet HTML 3Page - Analog Devices ADF41513 Datasheet HTML 4Page - Analog Devices ADF41513 Datasheet HTML 5Page - Analog Devices ADF41513 Datasheet HTML 6Page - Analog Devices ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ADF41513
Data Sheet
Rev. 0 | Page 4 of 30
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
LOGIC INPUTS
Input Voltage
High (VIH)
1.4
V
The serial port interface (SPI) block can accept
both 1.8 V or 3.3 V logic inputs
Low (VIL)
0.6
V
Input Current (IINH, IINL)
±1
µA
Input Capacitance (CIN)
10
pF
LOGIC OUTPUTS
Output Voltage
High (VOH)
1.4
V
MUXOUT voltage = 1.8 V, DLD voltage = 1.8 V
2.6
V
MUXOUT voltage = 3.3 V, DLD voltage = 3.3 V
Low (VOL)
0.4
V
Output High Current, Output Low
Current (IOH, IOL)
500
µA
POWER SUPPLIES
AVDD1, AVDD2, AVDD3, AVDD4, AVDD5, VP
3.135
3.3
3.465
V
IDD11
2
3.2
mA
Current drawn by AVDD1
IDD21
63.5
88
mA
Current drawn by AVDD2
IDD31
2.1
3.6
mA
Current drawn by AVDD3
IDD41
1.45
2
mA
Current drawn by AVDD4
IDD51
20
25
mA
Current drawn by AVDD5
IP
6
7
mA
Current drawn by VP
ITOTAL
95.1
128.8
mA
Total current drawn by AVDDx and VP
Power-Down Mode
100
µA
TA = 25°C, CE is low, total of all rails
NOISE CHARACTERISTICS
Normalized Phase Noise Floor
(PNSYNTH)
In Integer N Mode2
−235
dBc/Hz
PLL loop bandwidth (BW) = 1 MHz (Integer N
mode)
In Fractional-N Mode3
−231
dBc/Hz
PLL loop BW = 1 MHz (fractional-N mode)
Normalized 1∕f Noise (PN1_f)3
−128
dBc/Hz
10 kHz offset, normalized to 1 GHz
SPURIOUS SIGNALS
Reference Spurious
−90
dBc
At reference = 100 MHz, PLL loop BW = 40 kHz
PFD Spurious
−87
dBc
At PFD = 50 MHz, PLL loop BW = 40 kHz
In-Band Integer Boundary
Spurious
−45
dBc
10 kHz offset, PLL loop BW = 250 kHz
1
TA = 25°C, AVDDx = 3.3 V (where x = 1, 2, 3, or 4), prescaler (P) = 8/9, fRFIN = 26.5 GHz, REFIN = 124 MHz, PFD frequency input (fPFD) = 124 MHz.
2
The synthesizer phase noise floor is estimated by measuring the inband phase noise at the output of the VCO and subtracting 20 log N (where N is the N divider value)
and 10 log fPFD. PNSYNTH is the total phase noise measured at the VCO output (PNTOT) − 10 log fPFD − 20 log N.
3
The PLL phase noise is composed of 1/f (flicker) noise plus the normalized PLL noise floor. The formula for calculating the 1/f noise contribution at an RF frequency, fRF,
and at a frequency offset, f, is given by phase noise (PN) = P1_f + 10 log(10 kHz/f) + 20 log(fRF/1 GHz). Both the normalized phase noise floor and flicker noise are
modeled in the ADIsimPLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com