Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 19 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 15Page - Analog Devices ADF41513 Datasheet HTML 16Page - Analog Devices ADF41513 Datasheet HTML 17Page - Analog Devices ADF41513 Datasheet HTML 18Page - Analog Devices ADF41513 Datasheet HTML 19Page - Analog Devices ADF41513 Datasheet HTML 20Page - Analog Devices ADF41513 Datasheet HTML 21Page - Analog Devices ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
ADF41513
Rev. 0 | Page 19 of 30
REGISTER 4 (R4) MAP
MOD2
Register 4, Bits[27:4] set the MOD2 value. See the N Divider
and R Counter section for more information. When using a
fixed modulus, MOD2 is ignored.
REGISTER 5 (R5) MAP
DLD Modes
Register 5, Bits[31:30] set the digital lock detect (DLD) pin
state. For normal digital lock detect, set Register 5, Bits[31:30] =
0b01. Other options tristate the pin and force a high or low
logic level, as shown in Figure 28.
CP Current Setting
Register 5, Bits[28:25] set the charge pump current. Set these
bits to the charge pump current that the loop filter is designed
for based on the application of the user. The recommended
practice is to design the loop filter for a charge pump current of
2.4 mA or 2.7 mA and then use the programmable charge pump
current to fine tune the loop filter frequency response.
LSB_P1
Register 5, Bit 24 = 0 enables a 26th bit in the fixed modulus
MOD value. Enabling the 26th bit reduces fractional spurs but
the reduction also adds a fixed fPFD/226 frequency offset to the
output frequency. To disable this frequency offset, set Register 5,
Bit 24 = 1.
Prescaler
The dual modulus prescaler (4/5 and 8/9) is set by Register 5,
Bit 23. The prescaler, at the input to the N divider, divides down
the fRFIN signal so that the N divider can operate correctly. The
prescaler is based on a synchronous 4/5 core. The prescaler
setting affects the RF frequency and the minimum and maximum
INT value as follows:
For Integer N mode,
•
Prescaler 4/5: 20 ≤ INT ≤ 511, fRFIN_MAX = 16 GHz
•
Prescaler 8/9: 64 ≤ INT ≤ 1023, fRFIN_MAX = 26.5 GHz
For fractional-N mode,
•
Prescaler 4/5: 23 ≤ INT ≤ 511, fRFIN_MAX = 16 GHz
•
Prescaler 8/9: 75 ≤ INT ≤ 1023, fRFIN_MAX = 26.5 GHz
RDIV2
Register 5, Bit 22 controls the reference divide by 2 block. See
the N Divider and R Counter section for more information.
This feature can provide a 50% duty cycle signal to the PFD.
Reference Doubler
Register 5, Bit 21 controls the reference doubler block. See the
N Divider and R Counter section for more information.
R Counter
Register 5, Bits[20:16] control the R counter value. See the N
Divider and R Counter section for more information.
CLK1 Divider
Register 5, Bits[15:4] control the CLK1 divider value. See the
Phase Resync section for more information.
MOD2 REGISTER (R4)
NOTES
1. DBB MEANS DOUBLE-BUFFERED BITS.
DBB
CONTROL
BITS
24-BIT MOD2 VALUE (MOD2)
0
0
0
M1
M2
M3
M4
M5
M6
M8
M7
M9
M10
M11
M12
M13
M14
M15
M16
M17
M18
M19
M20
M21
M22
M23
M24
0
M24
M23
...
M2
M1
MOD2 WORD
0
0
...
0
0
0
0
0
...
0
1
1
0
0
...
1
0
2
0
0
...
1
1
3
.
.
...
.
.
.
.
.
...
.
.
.
.
.
...
.
.
.
1
1
...
0
0
16,777,212
1
1
...
0
1
16,777,213
1
1
...
1
0
16,777,214
1
1
...
1
1
16,777,215
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6 DB5
DB4
DB3 DB2
DB1 DB0
C3(1)
C4(0)
C2(0) C1(0)
Figure 27. Register 4 (R4) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com