Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 7 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 3Page - Analog Devices ADF41513 Datasheet HTML 4Page - Analog Devices ADF41513 Datasheet HTML 5Page - Analog Devices ADF41513 Datasheet HTML 6Page - Analog Devices ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices ADF41513 Datasheet HTML 10Page - Analog Devices ADF41513 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Data Sheet
ADF41513
Rev. 0 | Page 7 of 30
PIN CONFIGURATION AND FUNCTION DESCRIPTION
2
1
3
4
5
6
18
17
16
15
14
13
AVDD2
RFINA
RFINB
AVDD1
AVDD1
GND
CE
CLK
DATA
LE
MUXOUT
CREG1
ADF41513
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST
BE CONNECTED TO GND.
Figure 3. Pin Configuration
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
GND
Ground Pin.
2, 3
AVDD1
PFD and Up and Down Digital Driver Power Supply. Pin 2 and Pin 3 can be tied together. With Pin 2 and Pin 3 tied
together, place three parallel capacitors as close as possible to the AVDD1 pins: 10 µF, 100 nF, and 100 pF.
4
RFINB
Complementary Input to the RF Prescaler. In single-ended mode, decouple this pin to the ground plane with a
small bypass capacitor, typically 100 pF.
5
RFINA
Input to the RF Prescaler. AC-couple this signal to the external VCO.
6
AVDD2
RF Buffer and Prescaler Power Supply. Place three parallel capacitors as close as possible to the AVDD2 pin: 10 µF,
100 nF, and 100 pF.
7
AVDD3
N Divider Power Supply. Place three parallel capacitors as close as possible to the AVDD3 pin: 10 µF, 100 nF, and
100 pF.
8
AVDD4
R Divider and Lock Detector Power Supply. Place three parallel capacitors as close as possible to the AVDD4 pin:
10 µF, 1 µF, and 100 nF. Pin 8 powers the internal low dropout (LDO) regulator for the reference divider.
9
AVDD5
Σ-Δ Modulator and SPI Power Supply. Place three parallel capacitors as close as possible to the AVDD5 pin: 10 µF,
1 µF, and 100 nF. This pin powers the internal LDO regulator for the Σ-Δ modulator.
10
REFIN
Reference Input. The reference can accept either a single-ended CMOS (dc-coupled) or single-ended sine wave
(ac-coupled). The single-ended input has a nominal threshold of 1 V and a dc equivalent input resistance of 20 kΩ.
11
DLD
Digital Lock Detect Pin. A logic high on this pin indicates PLL lock.
12
TXDATA
Transmit Data Pin. Pin 12 is not used. Connect Pin 12 to GND.
13
CE
Chip Enable. A logic low on this pin powers down the device and puts the charge pump output into three-state
mode. Registers do not hold their values when CE is low. This pin only supports 3.3 V logic inputs.
14
CLK
Serial Clock Input. CLK clocks in the serial data to the registers. The data is latched into the 32-bit shift register on
the CLK rising edge. This input is a high impedance CMOS input.
15
DATA
Serial Data Input. The serial data is loaded most significant bit (MSB) first with the two least significant bits (LSBs) as
the control bits. This input is a high impedance CMOS input.
16
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the four
latches. Select the latch using the control bits.
17
MUXOUT
Multiplexer Output. This multiplexer output allows the lock detect, the scaled RF, the scaled reference frequency,
logic high, logic low, or register readback data to be accessed externally.
18
CREG1
Internal 1.8 V Regulator Output Pin. Place three parallel capacitors as close to the CREG1 pin as possible: 4.7 µF,
100 nF, and 1 nF.
19
CREG2
Internal 1.8 V Regulator Output Pin. Place three parallel capacitors as close to the CREG2 pin as possible: 4.7 µF,
100 nF, and 1 nF.
20
DC1
DC Bias Pin 1. Place a 1 µF capacitor in parallel with a 1 nF capacitor to ground, as close as possible to the DC1 pin.
21
DC2
DC Bias Pin 2. Place a 1 µF capacitor in parallel with a 1 nF capacitor to ground, as close as possible to the DC2 pin.
22
VP
Charge Pump Power Supply.
23
RSET
Maximum Charge Pump Current Setting Resistor. Connecting a resistor between the RSET pin and GND sets the
maximum charge pump output current. The nominal voltage potential at the RSET pin is 0.66 V. The relationship
between ICP and RSET is ICP_MAX = 12.96/RSET. For example, with RSET = 2.7 kΩ, ICP MAX = 4.8 mA. The relationship between
bleed current (IBLEED) and RSET is IBLEED_MIN = 0.0103/RSET. For example, with RSET = 2.7 kΩ, IBLEED_MIN = 3.81 µA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com