Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 6 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 2Page - Analog Devices ADF41513 Datasheet HTML 3Page - Analog Devices ADF41513 Datasheet HTML 4Page - Analog Devices ADF41513 Datasheet HTML 5Page - Analog Devices ADF41513 Datasheet HTML 6Page - Analog Devices ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices ADF41513 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
ADF41513
Data Sheet
Rev. 0 | Page 6 of 30
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
AVDDx to GND1
−0.3 V to +3.6 V
VP to GND
−0.3 V to +3.6 V
VP to AVDDx
−0.3 V to +0.3 V
Digital Input/Output Voltage to GND
−0.3 V to AVDDx + 0.3 V
Analog Input/Output Voltage to GND
−0.3 V to VP + 0.3 V
RFINA, RFINB to GND
−0.3 V to +3.6 V
RFINA to RFINB1
±1.4 V
REFIN to GND
−0.3 V to +2.1 V
Operating Temperature Range
Industrial
−40°C to +105°C
Storage Temperature Range
−65°C to +125°C
Maximum Junction Temperature
Operational
125°C
Reflow Soldering
Peak Temperature
260°C
Time at Peak Temperature
40 sec
Electrostatic Discharge (ESD)
Charged Device Model
1250 V
Human Body Model
1500 V
Transistor Count
CMOS
215,726
Bipolar
1625
1
Approximately 13 dBm into a 50 Ω input.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
This device is a high performance RF IC with an electrostatic
discharge (ESD) rating of <2 kV, and the device is ESD sensitive.
Take proper precautions for handling and assembly.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment. Careful attention to
PCB thermal design is required.
θJA is the natural convection junction to ambient thermal
resistance measured in a one cubic foot sealed enclosure. θJC is
the junction to case thermal resistance.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-24-81
48
38
°C/W
1
The thermal resistance values are defined per the JESD51 standard.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com