Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 12 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices ADF41513 Datasheet HTML 10Page - Analog Devices ADF41513 Datasheet HTML 11Page - Analog Devices ADF41513 Datasheet HTML 12Page - Analog Devices ADF41513 Datasheet HTML 13Page - Analog Devices ADF41513 Datasheet HTML 14Page - Analog Devices ADF41513 Datasheet HTML 15Page - Analog Devices ADF41513 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
ADF41513
Data Sheet
Rev. 0 | Page 12 of 30
Variable Modulus (R0, DB28 = 1)
For the variable modulus, the RF VCO frequency (RFOUT)
equation is
RFOUT = fPFD × (INT + (FRAC1 + (FRAC2/MOD2))/225) (3)
where:
RFOUT is the output frequency of external VCO.
INT is a 16-bit value set by Bits[19:4] in Register 0. In Integer N
mode, INT is 20 to 511 for a 4/5 prescaler and 64 to 1023 for a 8/9
prescaler, and in fractional-N mode, INT is 23 to 511 for a 4/5
prescaler and 75 to 1023 for a 8/9 prescaler.
FRAC1 is a 25-bit value set by Bits[28:4] in Register 1.
FRAC2 is a 24-bit value set by Bits[27:4] in Register 3.
MOD2 is a 24-bit value set by Bits[27:4] in Register 4.
The minimum RF output resolution is set by fPFD/249. Therefore,
for fPFD = 100 MHz, the minimum resolution is 0.1776 µHz. To
achieve this resolution, MOD2 must be set to its maximum of
(224− 1), which is 16,777,215.
Integer N Mode
When FRAC1 and FRAC2 are both equal to 0, the ADF41513
can operate in purely integer N mode, which improves the
phase noise performance of the PLL and sets the frequency
resolution to fPFD. This feature is not automatic and must be
manually set for Integer N channels. Bleed must also be
disabled when using the ADF41513 in Integer N operation. See
the Register 12 (R12) Map section for more information on
programming the ADF41513 for Integer N operation.
R COUNTER
The 5-bit R counter allows REFIN to be divided down to produce
the reference clock to the PFD. Division ratios from 1 to 32 are
allowed.
PFD AND CHARGE PUMP
The PFD takes inputs from the R counter and N counter and
produces an output proportional to the phase and frequency
difference between these inputs. Figure 18 shows a PFD simplified
schematic. The PFD includes a fixed delay element that sets the
width of the antibacklash pulse, which is typically 1 ns. This pulse
ensures that there is no dead zone in the PFD transfer function
and produces a consistent reference spur level.
U3
CLR2
Q2
D2
U2
DOWN
UP
HIGH
HIGH
CP
–IN
+IN
CHARGE
PUMP
DELAY
CLR1
Q1
D1
U1
Figure 18. PFD Simplified Schematic
MUXOUT
The output multiplexer on the ADF41513 allows the user to access
various internal nodes on the chip. The M4, M3, M2, and M1 bits
in Register 12 (see the Register 12 (R12) Map section) controls
the state of MUXOUT. Figure 19 shows the MUXOUT section in
block diagram form. Many of these access points are useful for
debugging. For example, select the N divider output to check if
the N divider is functioning correctly. Most of the access points
are self explanatory. Set the CLK1 divider output signal to access
the internal CLK1 divider signal used for phase resync. During
power-down (CE = logic low), MUXOUT is set to GND.
THREE-STATE OUTPUT
DGND
R-DIVIDER OUTPUT
N-DIVIDER OUTPUT
DIGITAL LOCK DETECT
SERIAL DATA OUTPUT
CLK DIVIDER OUTPUT
R-DIVIDER/2
MUX
CONTROL
MUXOUT
AVDD5
DGND
N-DIVIDER/2
READBACK TO MUXOUT
AVDD5
Figure 19. MUXOUT Schematic
LOCK DETECTOR
The lock detector compares the PFD output pulse width against
a lock detector window. Measurements are performed every
PFD comparison cycle when LD_CLK_SEL = 0 or every 32nd
cycle when LD_CLK_SEL = 1. If the pulse width falls within the
lock window, a counter is incremented. If the counter reaches
the count set by LD_COUNT without an up or down pulse
width exceeding the lock detect window and without a cycle slip
occurring, lock is then declared by the lock detector.
When the lock detector has declared lock, the main mechanism
to declare a loss of lock is for a cycle slip to occur. This cycle slip
is usually caused by a frequency error at the phase detector
input, causing the phase error to grow until the error exceeds
360°. The phase error then wraps around to 0°. This phase wrap
around is a cycle slip.
A high level on MUXOUT indicates the PLL is in lock.
The lock detector window size, LD_COUNT, and
LD_CLK_SEL all affect the sensitivity of the lock detector.
Larger windows, smaller LD_COUNT values, and
LD_CLK_SEL = 0 shorten the overall lock detect time and
increase sensitivity. Smaller windows, larger LD_COUNT
values, and LD_CLK_SEL = 1 increase the overall lock detect
time and reduce sensitivity. Excessive lock detector sensitivity
can cause multiple transitions between a locked state and out of
lock state during frequency changes. Insufficient lock detector
sensitivity can cause the detector to indicate an out of lock state
when, in fact, the PLL is locked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com