Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 17 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 13Page - Analog Devices ADF41513 Datasheet HTML 14Page - Analog Devices ADF41513 Datasheet HTML 15Page - Analog Devices ADF41513 Datasheet HTML 16Page - Analog Devices ADF41513 Datasheet HTML 17Page - Analog Devices ADF41513 Datasheet HTML 18Page - Analog Devices ADF41513 Datasheet HTML 19Page - Analog Devices ADF41513 Datasheet HTML 20Page - Analog Devices ADF41513 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 30 page
background image
Data Sheet
ADF41513
Rev. 0 | Page 17 of 30
REGISTER 0 (R0) MAP
Frequency changes occur only on a write to Register 0.
Variable Modulus
Register 0, Bit 28 = 0 enables the 25-bit fixed modulus.
Register 0, Bit 28 = 1 enables the variable modulus. See the
N Divider and R Counter section for more information.
INT Value
Register 0, Bits[19:4] set the INT value. See the N Divider and
R Counter section for more information.
REGISTER 1 (R1) MAP
DITHER2
Set Register 1, Bit 31 = 1 to enable the Σ-Δ modulator dither.
Enabling DITHER2 can reduce fractional spurs.
FRAC1
Register 1, Bits[28:4] set the FRAC1 value. See the N Divider
and R Counter section for more information. When using a
fixed modulus, Bits[28:4] are the FRAC value.
DB31
CONTROL
BITS
16-BIT INTEGER VALUE (INT)
RESERVED
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7 DB6
DB5 DB4
DB3
DB2
DB1 DB0
0
V1
0
0
0
0
0
0
0
0
0
0
N1
N2
N3
N4
N5
N6
N7
N8
N9
N10
N11
N12
N13
N14
N15
N16
C3(0)
C4(0)
C2(0) C1(0)
INT REGISTER (R0)
RESERVED
N16
N15
...
N2
N1
INTEGER WORD
INTEGER N MODE
PRESCALER 4/5: 20 ≤ INT ≤ 511
PRESCALER 8/9: 64 ≤ INT ≤ 1023
FRACTIONAL-N MODE
PRESCALER 4/5: 23 ≤ INT ≤ 511
PRESCALER 8/9: 75 ≤ INT ≤ 1023
0
0
...
0
0
NOT ALLOWED
0
0
...
0
1
NOT ALLOWED
0
0
...
1
0
NOT ALLOWED
0
0
...
1
1
NOT ALLOWED
.
.
...
.
.
.
20
.
.
...
.
.
.
0
0
...
0
1
21
0
.
0
1
.
1
.
1
.
1
.
1
.
1
.
1
.
1
.
1
.
1
.
1
.
1
.
NOT ALLOWED
...
1
0
1022
0
...
1
1
1023
...
...
0
0
NOT ALLOWED
V1 VARIABLE MODULUS
0
25-BIT FIXED MODULUS
VARIABLE MODULUS
1
N4
N3
0
0
0
0
0
0
0
0
.
.
.
.
0
1
1
1
1
1
0
0
N5
0
0
0
1
.
.
1
1
1
0
0
0
N14
0
0
0
0
.
.
0
0
N13
0
0
0
0
.
.
0
0
N12
0
0
0
0
.
.
0
0
0
0
0
0
0
0
0
0
0
0
0
0
N11
0
0
0
0
.
.
0
0
0
1
0
N10
0
0
0
0
.
.
0
1
1
0
0
...
0
0
0
1
1
Figure 23. Register 0 (R0) Map
FRAC1 REGISTER (R1)
DBB
DB31
CONTROL
BITS
25-BIT FRAC1 VALUE (FRAC1)
DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7 DB6
DB5 DB4
DB3 DB2
DB1 DB0
0
0
D1
F1
F2
F3
F4
F5
F6
F8
F7
F9
F10
F11
F12
F13
F14
F15
F16
F17
F18
F19
F20
F21
F22
F23
F24
F25
C3(0)
C4(0)
C2(0) C1(1)
NOTES
1. DBB MEANS DOUBLE-BUFFERED BITS.
F25
F24
...
F2
F1
FRAC1 WORD
0
0
...
0
0
0
0
0
...
0
1
1
0
0
...
1
0
2
0
0
...
1
1
3
.
.
...
.
.
.
.
.
...
.
.
.
.
.
...
.
.
.
1
1
...
0
0
33,554,428
1
1
...
0
1
33,554,429
1
1
...
1
0
33,554,430
1
1
...
1
1
33,554,431
D1
DITHER2
0
OFF
1
ON
Figure 24. Register 1 (R1) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com