Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 28 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices ADF41513 Datasheet HTML 26Page - Analog Devices ADF41513 Datasheet HTML 27Page - Analog Devices ADF41513 Datasheet HTML 28Page - Analog Devices ADF41513 Datasheet HTML 29Page - Analog Devices ADF41513 Datasheet HTML 30Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
ADF41513
Data Sheet
Rev. 0 | Page 28 of 30
APPLICATIONS INFORMATION
INITIALIZATION SEQUENCE
The following sequence of registers is the correct sequence for
initial power-up of the ADF41513 after the correct application
of voltages to the supply pins:
1. Register 13
2. Register 12
3. Register 11
4. Register 10
5. Register 9
6. Register 8
7. Register 7
8. Register 6
9. Register 5
10. Register 4
11. Register 3
12. Register 2
13. Register 1
14. Register 0
RF SYNTHESIZER: A WORKED EXAMPLE OF 25-BIT
FIXED MODULUS MODE
The following equation governs how to program the
synthesizer:
RFOUT = (INT + (FRAC1/225)) × fPFD
(7)
where:
RFOUT is the RF frequency output.
INT is the integer division factor.
FRAC1 is the fractional numerator.
fPFD is the PFD frequency.
For example, in a system where a 12.102 GHz RF frequency
output (RFOUT) is required and a 100 MHz reference frequency
input (REFIN) is available, the frequency resolution, fRES, is
fRES = REFIN/225
fRES = 100 MHz/225
= 2.98 Hz
From Equation 1 and Equation 2,
fPFD = (100 MHz × (1 + 0)/1) = 100 MHz
12.102 GHz = 100 MHz × (N + FRAC/225)
Calculating the INT and FRAC values,
INT = int(RFOUT/fPFD) = 121
FRAC1 = (int(RFOUT/fPFD) − INT) × 225 = 671088.64 ≈
671089
where:
INT is the 16-bit INT value in Register 0.
FRAC1 is the 25-bit FRAC1 value in Register 1.
int() makes an integer of the argument in parentheses.
Note that 671088.64 is rounded to 671,089, resulting in a small
frequency error. For exact frequency, use the variable
modulus mode.
RF SYNTHESIZER: A WORKED EXAMPLE OF
VARIABLE MODULUS MODE
The following is an example how to program the ADF41513
synthesizer:
RFOUT = fPFD × (INT + (FRAC1 + (FRAC2/MOD2))/225)
(8)
where:
RFOUT is the output frequency of the external VCO.
INT is a 16-bit value set by Bits[19:4] in Register 0. In Integer N
mode, INT is 20 to 511 for a 4/5 prescaler and 64 to 1023 for a 8/9
prescaler, and in fractional-N mode, INT is 23 to 511 for a 4/5
prescaler and 75 to 1023 for a 8/9 prescaler.
FRAC1 is a 25-bit value set by Bits[28:4] in Register 1.
FRAC2 is a 24-bit value set by Bits[27:4] in Register 3.
MOD2 is a 24-bit value set by Bits[27:4] in Register 4.
fPFD is the PFD frequency.
For example, in a system where a 12.102 GHz RFOUT is required
and a 100 MHz fPFD is available,
INT = int(RFOUT/fPFD) = 121
FRAC1 = int(((RFOUT/fPFD) – INT) × 225) = 671,088
where:
int() makes an integer of the argument in parentheses.
Remainder = FRAC2/MOD2 = 0.64
where:
FRAC2 = 64.
MOD2 = 100.
MODULUS
The choice of modulus (MOD) depends on the reference signal
(REFIN) available and the channel resolution (fRES) required at
the RF output.
REFERENCE DOUBLER AND REFERENCE DIVIDER
The on-chip reference doubler allows the input reference signal
to be doubled. Doubling is useful for increasing the PFD
comparison frequency. Setting the PFD frequency higher
improves the noise performance of the system. Doubling the
PFD frequency usually improves noise performance by 3 dB. It
is important to note that the reference input cannot operate
above 225 MHz when the reference doubler is on. The PFD
maximum operating frequency is 250 MHz (integer N mode) or
125 MHz (fractional-N mode) due to a limitation in the speed
of the Σ-Δ circuit.
The reference divide by 2 divides the reference signal by 2,
resulting in a 50% duty cycle PFD frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com