Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 25 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 21Page - Analog Devices ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices ADF41513 Datasheet HTML 26Page - Analog Devices ADF41513 Datasheet HTML 27Page - Analog Devices ADF41513 Datasheet HTML 28Page - Analog Devices ADF41513 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Data Sheet
ADF41513
Rev. 0 | Page 25 of 30
REGISTER 10 (R10) MAP
Set all reserved bits to zero.
REGISTER 11 (R11) MAP
Power-Down Select
Only one power-down option is available. Program Register 11,
Bit 31 = 1. Set Register 6, Bit 6 = 1 to power down the device.
RESERVED
0
0
0
0
0
0
0
0
RESERVED REGISTER (R10)
CONTROL
BITS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9 DB8
DB7
DB6 DB5 DB4
DB3
DB2 DB1
DB0
C3(0)
C4(1)
C2(1) C1(1)
Figure 33. Register 10 (R10) Map
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7
DB6
DB5
DB4
DB3 DB2
DB1
DB0
PDS
0
0
0
C
C4(1)
3(0) C2(1) C1(1)
POWER-DOWN SELECT REGISTER (R11)
RESERVED
CONTROL
BITS
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
PDS
POWER-DOWN SELECT
0
RESERVED
1
PROGRAM THIS VALUE
Figure 34. Register 11 (R11) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com