Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 3 Page - Analog Devices

  ADF41513 Datasheet HTML 1Page - Analog Devices ADF41513 Datasheet HTML 2Page - Analog Devices ADF41513 Datasheet HTML 3Page - Analog Devices ADF41513 Datasheet HTML 4Page - Analog Devices ADF41513 Datasheet HTML 5Page - Analog Devices ADF41513 Datasheet HTML 6Page - Analog Devices ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Data Sheet
ADF41513
Rev. 0 | Page 3 of 30
SPECIFICATIONS
AVDDx = AVDD1 = AVDD2 = AVDD3 = AVDD4 = AVDD5 = VP = 3.3 V ± 5%, GND = 0 V, RSET = 1.8 kΩ, dBm referred to 50 Ω, TA = TMIN (−40°C)
to TMAX (+105°C), unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
RADIO FREQUENCY (RF)
CHARACTERISTICS
8/9 Prescaler
RF Input Frequency (fRFIN) Range
1
26.5
GHz
Recommended input power of −5 dBm to
+5 dBm, operation at this frequency range is
limited to 70°C to TMIN
1
24
GHz
Operation at this frequency range is TMAX to TMIN
RF Input Sensitivity
−11
dBm
Refer to Figure 10 and Figure 11 for more
information
4/5 Prescaler
fRFIN Range
1
16
GHz
For lower frequencies, ensure slew rate >
320 V/µs
RF Input Sensitivity Range
−7
+5
dBm
Measured single-ended to RFINA via a 1 pF series
capacitor, 1 pF capacitor to GND on RFINB
INPUT REFERENCE FREQUENCY
(REFIN) CHARACTERISTICS
REFIN Input
Frequency
10
800
MHz
Voltage Range
0
1.8
V
Sensitivity Range
−10
8
dBm
Biased at 1 V (ac coupling ensures 1 V bias), use
square wave at low power and/or frequency to
ensure slew rate is > 320 V/µs; for best inband
phase noise performance, ensure slew rate >
500 V/µs
Capacitance
10
pF
Current
±150
µA
Doubler Input Frequency
225
MHz
Maximum reference frequency when the
doubler is enabled
MAXIMUM PFD FREQUENCY
Integer N Mode
250
MHz
Fractional-N Mode
125
MHz
N DIVIDER RANGE
16-Bit N Divider Range
Integer N Mode
20
511
4/5 prescaler
64
1023
8/9 prescaler
Fractional-N Mode
23
511
4/5 prescaler
75
1023
8/9 prescaler
CHARGE PUMP (CP)
CP Current (ICP) Sink and Source
Programmable
High Value
7.2
mA
With RSET = 1.8 kΩ
Low Value
0.45
mA
Absolute Accuracy
5
%
With RSET = 1.8 kΩ
RSET Range
1.8
2.7
10
kΩ
5% accuracy
ICP Three-State Leakage
2
nA
VCP = 0.9 V, TA = 25°C
Sink and Source Current Matching
5
%
0.7 V ≤ CP voltage (VCP) ≤ VP − 0.7 V
ICP vs. VCP
5
%
0.7 V ≤ VCP ≤ VP − 0.7 V
ICP vs. Temperature
5
%
VCP = VP/2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com