Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 21 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 17Page - Analog Devices ADF41513 Datasheet HTML 18Page - Analog Devices ADF41513 Datasheet HTML 19Page - Analog Devices ADF41513 Datasheet HTML 20Page - Analog Devices ADF41513 Datasheet HTML 21Page - Analog Devices ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet
ADF41513
Rev. 0 | Page 21 of 30
REGISTER 6 (R6) MAP
Bleed Current
Register 6, Bits[31:24] set the bleed current. If the PD polarity is
set to positive, the optimum bleed current is set by
Bleed Value = floor(90 × (fPFD/100 MHz) × (ICP_CODE + 1)/16) (6)
where:
Bleed Value is the value programmed to Register 6, Bits[31:24].
ICP_CODE is the charge pump current setting programmed to
Register 5, Bits[28:25].
fPFD is the PFD frequency in MHz.
If the PD polarity is set to negative, the optimum bleed current
is set by
Bleed Value = floor(144 × (fPFD/100 MHz) × (ICP_CODE +1)/16) (7)
Bleed Polarity
Register 6, Bit 23 controls the polarity of the bleed current.
Negative polarity is the typical usage.
Bleed Enable
In fractional-N mode of operation, charge pump linearity (and
ultimately phase noise and spurious performance) is improved
if the VCO and reference inputs to the phase detector operate
with a phase offset. This phase offset is implemented by adding
a constant bleed current at the output of the charge pump. Use
bleed only when operating in fractional-N mode, that is,
FRAC1 or FRAC2 not equal to 0. Set Register 6, Bit 22 = 1 to
enable bleed.
INT Mode
Register 6, Bit 20 completely disables the fractional-N Σ-Δ
modulator (SDM). Setting Register 6, Bit 20 = 1 disables the
SDM so the ADF41513 operates purely in integer N mode.
Disabling the SDM improves phase noise performance and
changes the frequency resolution to fPFD.
ABP
Register 6, Bit 19 affects the antibacklash pulse (ABP) width.
The recommended setting for best figure of merit (FOM) is
narrow (Register 6, Bit 19 = 1).
Loss of Lock (LOL) Enable
If digital lock detect is asserted when loss of lock is enabled and
the reference signal is removed, digital lock detect goes low. Set
Register 6, Bit 18 = 1 to enable loss of lock (recommended).
Sigma-Delta (SD) Reset
When Register 6, Bit 17 = 0 on a write to Register 0, the SDM is
temporarily set to a fractional value of 0. The SD reset ensures a
consistent fractional spur pattern but also results in a glitch in
the output frequency when the N divider momentarily outputs
FRAC = 0. Remove this glitch by setting Register 6, Bit 17 = 1
(recommended setting).
CP Three-State, PD on
When Register 6, Bit 16 = 1, the charge pump is in three-state
mode but the phase detector (PD) is still operational. Set
Register 6, Bit 16 = 0 for normal operation.
Lock Detector Precision (LDP)
Register 6, Bits[9:8] and Register 9, Bits[31:30] control the
sensitivity of the digital lock detector. Lock detect precision
(Register 6, Bits[9:8]) in conjunction with lock detector bias
(Register 9, Bits[31:30]) adjusts the width of the digital lock
detector window. Lock is declared when the PFD reference
arrival time and divided VCO input arrival times consistently
differ by less than the LDP value. Small LDP settings may cause
a false out of lock indication when used with large bleed
currents. See the Lock Detector section for more information.
Phase Detector (PD) Polarity
If using a noninverting loop filter and a VCO with a positive
tuning slope, set the PD polarity to positive.
If using an inverting loop filter and a VCO with a negative
tuning slope, set the PD polarity to positive.
If using a noninverting loop filter and a VCO with a negative
tuning slope, set the PD polarity to negative.
If using an inverting loop filter and a VCO with a positive
tuning slope, set the PD polarity to negative.
Power Down
Set Register 6, Bit 6 = 1 to perform a software power-down. All
circuit blocks are disabled, and the chip enters a low power state
drawing approximately 4 mA. Set Register 6, Bit 6 = 0 to reenable
the chip. Register values are not lost during power-down. Only
one power-down mode is available via Register 11, Bit 31. Set
Register 11, Bit 31 = 1 to leave the internal 1.8 V N divider
regulator on during power-down.
Note that Register 12, Bit 20 must be set to 0 when writing this
power-down bit. Otherwise, the chip cannot be powered back
on again by setting Register 6, Bit 6 = 0.
CP Three-State
Setting Register 6, Bit 5 = 1 puts the charge pump into three-
state mode. Set Register 6, Bit 5 = 0 for normal operation.
Counter Reset
Setting Register 6, Bit 4 = 1 holds the N divider and R counter
in reset, which results in no signals being received at the PFD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com