Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 10 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 6Page - Analog Devices ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices ADF41513 Datasheet HTML 10Page - Analog Devices ADF41513 Datasheet HTML 11Page - Analog Devices ADF41513 Datasheet HTML 12Page - Analog Devices ADF41513 Datasheet HTML 13Page - Analog Devices ADF41513 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
ADF41513
Data Sheet
Rev. 0 | Page 10 of 30
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
0
2.5
5.0
7.5
10.0 12.5 15.0 17.5 20.0
22.5 25.0
FREQUENCY (GHz)
DEVICE B
DEVICE C
DEVICE D
DEVICE E
DEVICE F
DEVICE G
DEVICE H
DEVICE I
DEVICE A
Figure 10. Sensitivity vs. Frequency for Multiple Soldered Devices
–40
–35
–30
–25
–20
–15
–10
–5
0
5
10
0
2.5
5.0
7.5
10.0 12.5 15.0 17.5 20.0
22.5 25.0
FREQUENCY (GHz)
MINIMUM SENSITIVITY –40°C
MINIMUM SENSITIVITY +25°C
MINIMUM SENSITIVITY +85°C
MINIMUM SENSITIVITY +105°C
MAXIMUM SENSITIVITY –40°C
MAXIMUM SENSITIVITY +25°C
MAXIMUM SENSITIVITY +85°C
MAXIMUM SENSITIVITY +105°C
Figure 11. Sensitivity vs. Frequency at Various Temperatures for Device A
–120
–110
–100
–90
–80
–70
–60
–50
12.5
12.7
12.9
13.1
13.3
13.5
13.7
13.9
TARGET FREQUENCY (GHz)
100MHz
200MHz
300MHz
Figure 12. Spur Level vs. Target Frequency with the HMC584 VCO,
REFIN = 100 MHz, PFD = 100 MHz, PLL Loop BW = 80 kHz
–120
–110
–100
–90
–80
–70
–60
–50
TARGET FREQUENCY (GHz)
300MHz
200MHz
100MHz
Figure 13. Spur Level vs. Target Frequency with Z-Communications
V940ME03 VCO, REFIN = 100 MHz, PFD = 100 MHz, PLL Loop BW = 80 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com