Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 23 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 19Page - Analog Devices ADF41513 Datasheet HTML 20Page - Analog Devices ADF41513 Datasheet HTML 21Page - Analog Devices ADF41513 Datasheet HTML 22Page - Analog Devices ADF41513 Datasheet HTML 23Page - Analog Devices ADF41513 Datasheet HTML 24Page - Analog Devices ADF41513 Datasheet HTML 25Page - Analog Devices ADF41513 Datasheet HTML 26Page - Analog Devices ADF41513 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Data Sheet
ADF41513
Rev. 0 | Page 23 of 30
REGISTER 7 (R7) MAP
Lock Detector Count (LD_COUNT)
LD_COUNT sets the initial value of the lock detect counter. See
the Lock Detector section for more information about the
operation of the lock detector.
Lock Detect Clock Select (LD_CLK_SEL)
The lock detector checks for lock on every phase comparison
cycle when LD CLK SEL = 1. Otherwise, the lock detector
checks for lock on every 32nd cycle. Use LD CLK SEL = 1 to
speed up declaration of lock at the cost of reduced lock
indication stability during frequency changes.
SDM to N Divider Timing Adjustment (N Delay)
This control adjusts the timing between the SDM output and
the N divider. Set these bits to 0b01.
Prescaler (PS) Bias
Set these bits to 0b10.
CLK Divider Mode
Setting Register 7, Bits[19:18] = 0b10 enables a phase resync.
See the Phase Resync section for more information.
When not using phase resync, set Register 7, Bits[19:18] = 0b00.
CLK2 Divider Value
Register 7, Bits[17:6] control the CLK2 divider value. The CLK2
divider value controls the timing of the phase resync pulse. See
the Phase Resync section for more information.
CLOCK 2 REGISTER (R7)
12-BIT CLK2 DIVIDER VALUE
0
LC3
LC2
LC1
LS1
0
0
ND2
ND1
PB2 PB1
C2
C1
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
CLK
DIVIDER
MODE
CONTROL
BITS
DB17 DB16 ...
DB7 DB6
0
0
0
0
.
.
.
1
1
1
1
0
0
0
0
.
.
.
1
1
1
1
...
...
...
...
...
...
...
...
...
...
...
0
0
1
1
.
.
.
0
0
1
1
0
1
0
1
.
.
.
0
1
0
1
0
1
2
3
.
.
.
4,092
4,093
4,094
4,095
CLK2 DIVIDER VALUE
C2
CLK DIV MODE
0
CLK DIVIDER OFF
1
C1
0
1
RESERVED
1
0
PHASE RESYNC
0
1
RESERVED
0
0
0
LC2
LOCK DETECTOR COUNT
0
1
LC1
0
1
1
0
0
1
LC3
0
0
0
0
0
1
0
1
1
0
0
1
1
1
1
1
2
4
8
16
32
64
128
256
LOCK DETECTOR CLOCK SELECT
fPFD ÷ 32
LS1
0
1
fPFD
PS BIAS
N DELAY
PB2
PRESCALER BIAS
0
RESERVED
1
PB1
0
1
RESERVED
1
0
RESERVED
0
1
PROGRAM THIS VALUE
ND2
SDM TO N DELAY
0
PROGRAM THIS VALUE
1
ND1
0
1
RESERVED
1
0
RESERVED
0
1
RESERVED
DB31 DB30 DB29 DB28 DB27 DB26 DB25 DB24 DB23 DB22 DB21 DB20 DB19 DB18 DB17 DB16 DB15 DB14 DB13 DB12 DB11 DB10 DB9
DB8
DB7 DB6
DB5 DB4
DB3
DB2
DB1 DB0
C3(1)
C4(0)
C2(1) C1(1)
Figure 30. Register 7 (R7) Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com