Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 13 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 9Page - Analog Devices ADF41513 Datasheet HTML 10Page - Analog Devices ADF41513 Datasheet HTML 11Page - Analog Devices ADF41513 Datasheet HTML 12Page - Analog Devices ADF41513 Datasheet HTML 13Page - Analog Devices ADF41513 Datasheet HTML 14Page - Analog Devices ADF41513 Datasheet HTML 15Page - Analog Devices ADF41513 Datasheet HTML 16Page - Analog Devices ADF41513 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
Data Sheet
ADF41513
Rev. 0 | Page 13 of 30
The window size can be adjusted between 0.9 ns and 11.5 ns
with LDP, Bits[9:8] in Register 6 and LD bias, Bits[31:30] in
Register 9. The ideal window size is halfway between the
maximum window, set by the phase comparison period, tPFD
(10 ns for 100 MHz reference and R = 1), and the minimum is
set by
(IBLEED/ICP) × tPFD
(4)
LD_COUNT can range from 2 counts to 8192 counts. The
fastest lock indication requires two measurement cycles (20 ns
with 100 MHz reference, R = 1, and LD_CLK_SEL = 0). In
practice, the lock indication takes much longer because of the
loop filter on the phase comparator. When LD_CLK_SEL = 1, a
minimum 64 measurements are required (640 ns).
READBACK
Register data can be read by setting MUXOUT to serial data
output. In this mode, the MUXOUT line concurrently transfers
32 bits of the previous written register value while clocking in
32 bits of write data.
To read back a specific register, chip revision code, or bit
pattern, write 1000b to Bits[31:28], Register 12. Bits[19:14] in
Register 12 set the data that is output from the MUXOUT pin
when in readback mode.
To prevent spurious writes, the DATA pin must be held at logic
low while a readback is taking place.
INPUT SHIFT REGISTERS
The ADF41513 contains a programmable digital block. Data is
clocked into the 32-bit shift register on each rising edge of CLK.
The data is clocked in MSB first. Data is transferred from the
shift register to the chosen register on the rising edge of LE. The
destination latch is determined by the state of the four control
bits (C4, C3, C2, and C1) in the shift register. The following are
the four LSBs: DB3, DB2, DB1, and DB0. The truth table for
these bits is shown in Table 6. Figure 20 through Figure 22 show
a summary of how the registers are programmed.
PROGRAM MODES
Table 6 and Figure 23 through Figure 36 show how to set up the
program modes in the ADF41513.
Several settings in the ADF41513 are double buffered. These
settings include MOD2, FRAC1, FRAC2, R counter value,
reference doubler, CP current setting, RDIV2, phase word,
prescaler, and CLK1 divider. Two events must occur before the
device uses a new value for any of the double buffered settings.
First, the new value is latched into the device by writing to the
appropriate register. Second, a new write must be performed on
Register 0. For example, updating the FRAC1 value requires a
write to Register 1 and a write to Register 0. Write to Register 1
first, followed by the write to Register 0. The frequency change
begins after the write to Register 0. Double buffering ensures
that the bits written to Register 1 do not take effect until after
the write to Register 0.
Table 6. C4, C3, C2, and C1 Truth Table
Control Bits
C4
C3
C2
C1
Register
0
0
0
0
R0
0
0
0
1
R1
0
0
1
0
R2
0
0
1
1
R3
0
1
0
0
R4
0
1
0
1
R5
0
1
1
0
R6
0
1
1
1
R7
1
0
0
0
R8
1
0
0
1
R9
1
0
1
0
R10
1
0
1
1
R11
1
1
0
0
R12
1
1
0
1
R13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com