Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADF41513 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF41513
Description  26.5 GHz, Integer N/Fractional-N, PLL Synthesizer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF41513 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF41513 Datasheet HTML 7Page - Analog Devices ADF41513 Datasheet HTML 8Page - Analog Devices ADF41513 Datasheet HTML 9Page - Analog Devices ADF41513 Datasheet HTML 10Page - Analog Devices ADF41513 Datasheet HTML 11Page - Analog Devices ADF41513 Datasheet HTML 12Page - Analog Devices ADF41513 Datasheet HTML 13Page - Analog Devices ADF41513 Datasheet HTML 14Page - Analog Devices ADF41513 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
Data Sheet
ADF41513
Rev. 0 | Page 11 of 30
THEORY OF OPERATION
REFERENCE INPUT
The reference input stage is shown in Figure 14. The reference
input accepts an ac-coupled, single-ended signal. During
power-down, this circuit remains active and draws the same
current from AVDD4 as during normal operation. With no
reference connected, AVDD4 drops to approximately 600 μA.
BUFFER
TO R COUNTER
REFIN
20kΩ
Figure 14. Reference Input Stage
RF INPUT STAGE
The RF input stage is shown in Figure 15. A two-stage limiting
amplifier follows the RF input stage to generate the current
mode logic (CML) clock levels needed for the prescaler. The
RFINA and RFINB inputs require dc blocking capacitors to isolate
the 1.65 V bias level from the input signal.
BIAS
GENERATOR
1.65V
AGND
AVDD2
768Ω
768Ω
RFINA
RFINB
1pF
1pF
EXTERNAL
AC COUPLING
FOR SE INPUT
Figure 15. RF Input Stage
N DIVIDER AND R COUNTER
The N divider is used to divide the RF input signal down to the
PFD frequency (fPFD).
fPFD = REFIN × ((1 + D)/(R × (1 + T)))
(1)
where:
REFIN is the reference input frequency.
D is the REFIN doubler bit value (0 or 1).
R is the preset divide ratio of the binary 5-bit programmable
reference counter (1 to 32).
T is the REFIN divide by 2 bit value (0 or 1).
The N divider value is generated by a Σ-Δ modulator. The
ADF41513 contains two selectable Σ-Δ modulators. One
modulator has a 25-bit fixed modulus (see Figure 16) and one
has a variable modulus up to 49 bits (see Figure 17). Register 0,
Bit 28 selects the modulator.
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRAC
VALUE
225
INT
VALUE
RF INT DIVIDER
N = INT + FRAC/225
FROM RF
INPUT STAGE
TO PFD
N COUNTER
Figure 16. Fixed Modulus N Divider
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
MOD2
VALUE
INT
REG
FRAC2
VALUE
FRAC1
REG
RF INT DIVIDER
FROM RF
INPUT STAGE
TO PFD
N COUNTER
N = INT +
FRAC1 +
FRAC2
MOD2
2
Figure 17. Variable Modulus N Divider
25-Bit Fixed Modulus (Register 0, Bit 28 = 0)
For the 25-bit fixed modulus, the RF VCO frequency (RFOUT)
equation is
RFOUT = fPFD × (INT + (FRAC/225))
(2)
where:
RFOUT is the RF VCO frequency.
INT is a 16-bit value set by Bits[19:4] in Register 0. In Integer N
mode, INT is 20 to 511 for a 4/5 prescaler and 64 to 1023 for a 8/9
prescaler, and in fractional-N mode, INT is 23 to 511 for a 4/5
prescaler and 75 to 1023 for a 8/9 prescaler.
FRAC is a 25-bit value set by Bits[28:4], FRAC1, in Register 1.
The minimum RF output resolution is set by fPFD/225. For
example, if fPFD = 100 MHz, the minimum resolution is 2.98 Hz.
By default, due to the architecture of the Σ-Δ modulator, there is
a fixed (fPFD/226) offset added or subtracted from the programmed
output frequency. To remove this offset, set LSB_PI (Register 5,
Bit 24).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com