Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 4 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 4 Page - Wolfson Microelectronics plc

  WM8802SCFV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
4
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
RXOUT
Digital Output
Input bi-phase selection data output pin
2
RX0
Digital Input1
TTL-compatible digital data input pin
3
RX1
Digital Input
Coaxial-compatible digital data input pin with built-in amplifier
4
RX2
Digital Input1
TTL-compatible digital data input pin
5
RX3
Digital Input1
TTL-compatible digital data input pin
6
DGND
Supply
Digital GND
7
DVDD
Supply
Digital power supply
8
RX4
Digital Input1
TTL-compatible digital data input pin
9
RX5/VI
Digital Input1
TTL-compatible digital data. Validity flag input pin for modulation.
10
RX6/UI
Digital Input1
TTL-compatible digital data. User data input pin for modulation.
11
DVDD
Supply
PLL digital power supply
12
DGND
Supply
PLL digital GND
13
LPF
Analogue Output
PLL loop filter connection pin
14
AVDD
Supply
PLL analog power supply
15
AGND
Supply
PLL analog GND
16
RMCK
Digital Output
R system clock output pin (256fs, 512fs, XIN, VCO)
17
RBCK
Digital Output/Input R bit clock input/output pin (64fs)
18
DGND
Supply
Digital GND
19
DVDD
Supply
Digital power supply
20
RLRCK
Digital Output/Input R LR clock input/output pin (fs)
21
RDATA
Digital Output
Serial audio data input pin
22
SBCK
Digital Output
S bit clock output pin (32fs, 64fs, 128fs)
23
SLRCK
Digital Output
S LR clock output pin (fs/2, fs, 2fs)
24
SDIN
Digital Input1
Serial audio data input pin
25
DGND
Supply
Digital GND
26
DVDD
Supply
Digital power supply
27
XMCK
Analogue Output
Oscillation amplifier output pin
28
XOUT
Analogue Output
Crystal resonator connection output pin
29
XIN
Analogue Input
Crystal resonator connection, external supply clock input pin (24.576 MHz or
12.288 MHz)
30
DVDD
Supply
Digital power supply
31
DGND
Supply
Digital GND
32
EMPH/UO
Digital Input/Output Emphasis information, U data output. Chip address setting pin
2.
33
AUDIO/VO
Digital Input/Output Non-PCM output, V flag output. Chip address setting pin
2.
34
CKST
Digital Input/Output
Clock switch transition period signal. Demodulation master or slave
function switch pin
3.
35
INT
Digital Input/Output
Micro-controller interrupt output. Modulation or general-purpose I/O switch
pin
4.
36
RERR
Digital Output
PLL clock error, data error flag output
37
DO
Digital Output
Micro-controller I/F read data output pin (3-state)
38
DI
Digital Input1
Micro-controller I/F write data input pin
39
CE
Digital Input1
Micro-controller I/F chip enable input pin
40
CL
Digital Input
Micro-controller I/F clock input pin
41
XMODE
Digital Input1
System reset input pin
42
DGND
Supply
Digital GND
43
DVDD
Supply
Digital power supply
44
TMCK/GPIO0
Digital Input/Output Modulation 256fs system clock input. General-purpose I/O input/output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com