Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 53 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 53 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 50Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 51Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 52Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 53Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 54Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 57Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
53
REGISTER
BIT NO.
DESCRIPTION
REGISTER
BIT NO.
DESCRIPTION
DI0
CAL
Lower chip address
DI28
Bit 20
Channel number
DI1
CAU
Higher chip address
DI29
Bit 21
DI2
0
Reserved
DI30
Bit 22
DI3
0
DI31
Bit 23
DI4
0
Data length setting
DI32
Bit 24
Sampling frequency
DI5
0
DI33
Bit 25
DI6
0
DI34
Bit 26
DI7
0
Reserved
DI35
Bit 27
DI8
Bit 0
Application
DI36
Bit 28
Clock accuracy
DI9
Bit 1
Control
DI37
Bit 29
DI10
Bit 2
DI38
Bit 30
Not defined
DI11
Bit 3
DI39
Bit 31
DI12
Bit 4
DI40
Bit 32
Word length
DI13
Bit 5
DI41
Bit 33
DI14
Bit 6
Not defined
DI42
Bit 34
DI15
Bit 7
DI43
Bit 35
DI16
Bit 8
Category code
DI44
Bit 36
Not defined
DI17
Bit 9
DI45
Bit 37
DI18
Bit 10
DI46
Bit 38
DI19
Bit 11
DI47
Bit 39
DI20
Bit 12
DI48
Bit 40
DI21
Bit 13
DI49
Bit 41
DI22
Bit 14
DI50
Bit 42
DI23
Bit 15
DI51
Bit 43
DI24
Bit 16
Source number
DI52
Bit 44
DI25
Bit 17
DI53
Bit 45
DI26
Bit 18
DI54
Bit 46
DI27
Bit 19
DI55
Bit 47
Table 19 Input Setting - Modulation Function Channel Status Data Setting
READ DATA
READ COMMAND LIST
•
The following items can be read.
-
Digital data input status monitor output
-
Interrupt data output
-
General-purpose I/O input data output
-
fs calculation result, fs counter data (8 bit) output
-
First 48 channel status bit output
-
Burst preamble Pc data output
•
CCB address 0XEB and output registers DO16 to DO23 are for testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com