Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
21
BI-PHASE SIGNAL INPUT / OUTPUT
BI-PHASE SIGNAL INPUT RECEPTION RANGE
The input data reception range depends on the PLL lock frequency setting set by PLLSEL. The
relationship between this setting and the guaranteed reception range is shown below.
PLL OUTPUT CLOCK SETTING
INPUT DATA RECEPTION RANGE
512fs (PLLSEL = 0)
28kHz to 105kHz
256fs (PLLSEL = 1)
28kHz to 195kHz
Table 10 Relationship Between PLL Output Clock Setting and Reception Range
(FSLIM[0:1] = 0)
The fs reception range for input data within the above PLL output clock setting range can be
controlled. This setting is performed using FSLIM[0:1]. When this function is used, input data that
exceeds the setting range is considered as an error and the clock source is automatically switched to
the XIN source. The RDATA output data then depends on the RDTSEL setting.
BI-PHASE SIGNAL INPUT/OUTPUT PINS (RX0 TO RX6, RXOUT)
There are 7 digital data input pins. Data modulated with the modulation function can also be
selected, therefore selection from a total of 8 signals is possible. However, the pins that can be
selected are restricted by the following conditions:
1.
The six pins RX0 and RX2 to RX6 are TTL level input pins with 5V input level tolerable.
2.
RX1 is a coaxial-compatible input pin with built-in amplifier that can receive up to 200mVp-p
data.
The demodulation input and RXOUT output signals can also be selected independently.
1.
The demodulation data is selected with RISEL[0:2].
2.
The RXOUT output data is selected with ROSEL[0:2].
RXOUT can be muted with RXOFF. Muting is recommended when not using RXOUT in order to
reduce clock jitter.
The data input status can be monitored with the RXMON setting. The status of each data input pin is
stored in CCB address 0xEA and output registers DO0 to DO7. Since this function uses the XIN
clock, the oscillation amplifier must be set to the continuous operation mode when RXMON is set.
Demodulation input pin switching can be performed during PLL unlock using the ULSEL setting. As a
result, data switching can be accurately communicated to peripheral devices.
The interval from pin switching through RISEL[0:2] until data is received is about 250
µs to 350µs.
This function also requires that the oscillation amplifier is set to the continuous operation mode.
Input pin selection
Internal supply signal
RX0
RX2
RX3
RX1
RX0
RX2
RX3
RX1
250
µµµµs to 350µµµµs
Figure 9 Input Pin Selection Processing via PLL Unlock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com