Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
19
Master Clock
Generator
SBCK (O)
SLRCK (O)
XMCK (O)
XTAL Source
PLL Source
RMCK (O)
512fs / 256fs
256fs / 128fs
128fs / 64fs
MUTE
2fs
fs
fs/2
MUTE
RBCK (I/O)
RLRCK (I/O)
to internal circuits
PLL 64fs
PLL fs
[RCKSEL] ([SELMTD]=1)
Master / Slave
128fs
64fs
32fs
MUTE
12.288MHz / 24.576MHz
6.144MHz / 12.288MHz
MUTE
Lock / Unlock
[PRSEL]
[XRSEL]
[PSBCK]
[PSLRCK]
[XSLRCK]
[XMSEL]
[SELMTD]
12.288MHz / 24.576MHz
6.144MHz / 12.288MHz
3.072MHz / 6.144MHz
MUTE
[XRBCK]
[XRLRCK]
12.288MHz
6.144MHz
3.072MHz
MUTE
[XSBCK]
192kHz
96kHz
48kHz
MUTE
PLL
XIN
PLL
XIN
PLL
XIN
PLL
XIN
PLL
XIN
XIN
192kHz
96kHz
48kHz
MUTE
12.288MHz
6.144MHz
3.072MHz
MUTE
12.288MHz or 24.576MHz
256fs or 512fs
TMCK Source
256fs
[OCKSEL] ([SELMTD]=0)
Figure 7 Clock Output Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com