Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
40
WRITE DATA
WRITE COMMAND LIST
A list of the write commands is shown below.
To write the commands shown in the following table, set the CCB address to 0xE8.
ADD.
SETTING ITEMS
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
0
All system setting
TESTM
0
TXOPR
RXOPR
INTOPF
0
DOEN
SYSRST
1
Demodulation system setting
0
0
FSLIM1
FSLIM0
RXMON
AOSEL
VOSEL
UOSEL
2
Master clock
AMPOPR1 AMPOPR0 EXSYNC
PLLOPR
XMSEL1
XMSEL0
XINSEL
PLLSEL
3
R system output clock
XRLRCK1 XRLRCK0
XRBCK1
XRBCK0
XRSEL1
XRSEL0
PRSEL1
PRSEL0
4
S system output clock
XSLRCK1 XSLRCK0
XSBCK1
XSBCK0
PSLRCK1 PSLRCK0
PSBCK1
PSBCK0
5
Source switch
0
RDTMUT
RDTSTA
RDTSEL
0
RCKSEL
OCKSEL
SELMTD
6
Data input/output
RXOFF
ROSEL2
ROSEL1
ROSEL0
ULSEL
RISEL2
RISEL1
RISEL0
7
Output format setting
SLRCKP
SBCKP
RLRCKP
RBCKP
0
OFSEL2
OFSEL1
OFSEL0
8
INT source selection
EMPF
SLIPO
PCRNW
UNPCM
CSRNW
FSCHG
INDET
ERROR
9
RERR condition setting
ERWT1
ERWT0
FSERR
RESTA
XTWT1
XTWT0
REDER
RESEL
10
Modulation system setting
P13
P12
P11
P10
0
VMODE
VISEL
UISEL
11
Modulation data setting
0
0
TXMOD1
TXMOD0
TXMUT
TDTSEL
TWLRP
TXDFS
12
TEST
0
0
0
0
0
0
0
0
13
TEST
0
0
0
0
0
0
0
0
14
TEST
0
0
0
0
0
0
0
0
15
TEST
0
0
0
0
0
0
0
0
The shaded parts in command area DI8 to DI15 are reserved bits with an input "0".
Command addresses 0x12 to 0x15 are reserved for testing purposes. Writing to these addresses is
prohibited.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com