Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8802SCFV Datasheet HTML 1Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 2Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 3Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 4Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 5Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 6Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 65 page
background image
w
WM8802
Digital Audio Interface Transceiver
WOLFSON MICROELECTRONICS plc
w :: www.wolfsonmicro.com
Product Preview, April 2004, Rev 1.1
Copyright
2004 Wolfson Microelectronics plc
DESCRIPTION
The WM8802 is a digital audio interface transceiver
conforming to IEC 60958/61937 and EIAJ CP-1201. The
device supports data sampling input rates of up to 192 kHz.
Data input to the serial digital audio data input pin can also
be modulated. The WM8802 features up to 6 data inputs
and 1 data output.
Data can be demodulated using the on-board PLL or with
the use of an external clock source.
The WM8802 is controlled via a 4-wire CCB compatible
control interface.
This interface provides access to the
channel status bits. The WM8802 also provides a number
of flag outputs including PCM data valid, de-emphasis, lock
and IEC 61937, DTS-CD/LD detection.
The device is available in a small 48-pin SQFP package.
FEATURES
•
PLL circuit for synchronization with transferred input bi-
phase mark signal.
•
Input sampling frequency: 32kHz to 192kHz
•
Outputs clocks: fs, fs/2, 2fs, 32fs, 64fs, 128fs, 256fs,
384fs, and 512fs.
•
4-Wire CCB MPU Serial Control or Hardware Default
Interface
•
Master or Slave Clocking Mode
•
Programmable Audio Data Interface Modes
−
I
2S, Left, Right Justified
−
16/20/24/32 bit Word Lengths
•
3.3V Digital supply Operation
•
5V tolerant digital input ports
APPLICATIONS
•
DVD Receivers
•
AV Amplifiers
•
DVD Recorders
BLOCK DIAGRAM
DEMODULATION
AND
LOCK DETECT
INPUT
SELECTOR
MICROCONTROLLER
I/F
DATA
SELECTOR
CBIT, UBIT
1/N
MODULATION
AND
PARALLEL PORT
PLL
CLOCK
SELECTOR
W
WM8802
EMPH/UO
AUDIO/VO
INT CL CE DI
XMODE
DO
RERR
RDATA
SDIN
RMCK
RBCK
RLRCK
SBCK
SLRCK
RXOUT
RX0
RX1
RX2
RX3
RX4
RX5/VI
RX6/UI
TXO/GPIOEN
TDATA/GPIO3
TLRCLK/GPIO2
TBCLK/GPIO1
TMCLK/GPIO0
LPF
XMCLK
XOUT
XIN
CKST


Similar Part No. - WM8802SCFV

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
DIGITAL AUDIO INTERFACE RECEIVER
WM8803CDT WOLFSON-WM8803CDT Datasheet
376Kb / 45P
DIGITAL AUDIO INTERFACE RECEIVER
WM8803CDT/V WOLFSON-WM8803CDT/V Datasheet
376Kb / 45P
DIGITAL AUDIO INTERFACE RECEIVER
WM8804 WOLFSON-WM8804 Datasheet
699Kb / 66P
1:1 Digital Interface Transceiver with PLL
logo
Cirrus Logic
WM8804 CIRRUS-WM8804 Datasheet
723Kb / 66P
1:1 Digital Interface Transceiver with PLL
More results

Similar Description - WM8802SCFV

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK4114 AKM-AK4114 Datasheet
450Kb / 48P
HIGH FEATURE 192KHZ 24BIT DIGITAL AUDIO INTERFACE TRANSCEIVER
logo
Cirrus Logic
CS8427 CIRRUS-CS8427 Datasheet
948Kb / 59P
96 kHz Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89052T SANYO-LC89052T Datasheet
483Kb / 42P
Digital Audio Interface Receiver
logo
Asahi Kasei Microsystem...
AK4115 AKM-AK4115 Datasheet
596Kb / 64P
High Feature 192kHz 24bit Digital Audio Interface Transceiver
logo
Cirrus Logic
CS8427 CIRRUS-CS8427_09 Datasheet
498Kb / 60P
96 kHz Digital Audio Interface Transceiver
CS8427 CIRRUS-CS8427_10 Datasheet
743Kb / 60P
96 kHz Digital Audio Interface Transceiver
logo
Sanyo Semicon Device
LC89057W-VF4A-E SANYO-LC89057W-VF4A-E Datasheet
334Kb / 59P
Digital Audio Interface Transceiver
logo
Texas Instruments
DIX9211 TI1-DIX9211 Datasheet
935Kb / 107P
216-kHz Digital Audio Interface Transceiver (DIX)
logo
ON Semiconductor
LC89057W-VF4A-E ONSEMI-LC89057W-VF4A-E Datasheet
318Kb / 59P
Digital Audio Interface Transceiver
May, 2013
logo
Texas Instruments
PCM9211 TI1-PCM9211_16 Datasheet
1Mb / 125P
Digital Audio Interface Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com