Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
15
The oscillation amplifier can be stopped if it is unnecessary. When operation is resumed it is
recommended to return to the normal operation after an interval of 10ms or longer to allow the
resonator oscillation to stabilise.
XMCK outputs the XIN clock. The XMCK output settings are performed with XMSEL[0:1]. The XIN
clock can be set to 1/1, 1/2 or muted output.
No clock is needed for XIN when only using the modulation function. In this case, the built-in
oscillation amplifier and frequency divider are used for RMCK, RBCK, and RLRCK clock generation.
Input the crystal resonator frequency across XIN and XOUT (if using only the oscillation amplifier) or
an external clock to XIN. The potential of digital data input pins RX0 to RX6 should be fixed. The DIR
function is stopped using RXOPR and PLLOPR and should not be set at this time. The output clock
may also be muted.
MASTER CLOCK AND CLOCK SOURCE SWITCHING
The RMCK, RBCK, and RLRCK, and the SBCK and SLRCK (see below) clock sources can be
selected from the following three master clocks.
(1)
PLL source
(256fs or 512fs)
(2)
XIN source
(12.288MHz or 24.576MHz)
(3)
TMCK source
(256fs)
Clock source switching can be done in one of two ways, either by setting the R system and the S
system on an interconnected basis or fixing the S system to the XIN source and setting only the R
system. This setting is performed using SELMTD, OCKSEL and RCKSEL.
The clock source is automatically switched between PLL clock and XIN clock by locking/unlocking
the PLL. The continuity of the clock is maintained at this time. However, if switching the clock source
with SELMTD, the continuity of the S system is not maintained.
The clock source can be switched to XIN using OCKSEL and RCKSEL, regardless of the PLL status.
The clock source switch command and clock output of the R and S systems are shown below.
SELMTD
R SYSTEM OUTPUT CLOCK
S SYSTEM OUTPUT CLOCK
0
According to OCKSEL
According to OCKSEL
1
According to RCKSEL
Fixed to XIN source
Table 7 Correspondence between Clock Source Switch Commands and Clock Output Pins
R SYSTEM CLOCK
SOURCE
S SYSTEM CLOCK
SOURCE
SELMTD
OCKSEL
RCKSEL
Locked
Unlocked
Locked
Unlocked
0
X
PLL
XIN
PLL
XIN
0
1
X
XIN
XIN
XIN
XIN
X
0
PLL
XIN
XIN
XIN
1
X
1
XIN
XIN
XIN
XIN
Table 8 Relationship between Clock Source Switch Commands and
Clock Sources when PLL Locked/Unlocked
The TMCK source is selected using EXSYNC. This setting results in the same operation as when
256fs is set with the PLL source (i.e. PLLSEL set to 256fs).
The various clocks are output with the TMCK source as the master clock and the PLL clock status is
output if data synchronised with TMCK is input. The XIN source is switched with OCKSEL and
RCKSEL. When the TMCK source is not supplied or the input data is not synchronized, the source is
switched to the XIN source; this is similar to the PLL source unlocked status.
The PLL status can always be monitored with RERR even after the XIN source is switched. The
processed information can also be read with the micro-controller interface regardless of the PLL
status.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com