Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 59 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 59 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 55Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 56Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 63Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
59
READ REGISTER OUTPUT CONTENTS
REGISTER ADDRESS
DO15
DO14
DO13
DO12
DO11
DO10
DO9
DO8
CCB address: 0xEB
FSDAT7
FSDAT6
FSDAT5
FSDAT4
FSDAT3
FSDAT2
FSDAT1
FSDAT0
FSDAT [7:0]
fs counter data output
•
FSDAT [7:0] is the fs calculation counter value. The data length is 8 bits, FSDAT0 is LSB and
FSDAT7 is MSB.
•
The relation between the count value and fs is expressed by the following equation.
fs = 6144/FSDAT (kHz)
•
fs calculation is performed using a 6.144MHz clock so the calculation accuracy is determined
by this clock.
•
The calculation counter value is 8 bit output so the fs that can be calculated is higher than
24kHz.
READ REGISTER 3 (FIRST 48 CHANNEL STATUS BITS)
•
The first 48 channel status bits can be read with the demodulation function.
•
The read channel status data is a LSB output.
•
For read, CCB address is set to 0xEC.
•
The channel status data cannot be updated after the CCB address is set.
•
The relation between the read registers and the channel status data is shown below.
REGISTER
BIT NO.
CONTENTS
REGISTER
BIT NO.
CONTENTS
DO0
Bit 0
Application
DO24
Bit 24
Sampling frequency
DO1
Bit 1
Control
DO25
Bit 25
DO2
Bit 2
DO26
Bit 26
DO3
Bit 3
DO27
Bit 27
DO4
Bit 4
DO28
Bit 28
Clock accuracy
DO5
Bit 5
DO29
Bit 29
DO6
Bit 6
Not defined
DO30
Bit 30
Not defined
DO7
Bit 7
DO31
Bit 31
DO8
Bit 8
Category code
DO32
Bit 32
Word length
DO9
Bit 9
DO33
Bit 33
DO10
Bit 10
DO34
Bit 34
DO11
Bit 11
DO35
Bit 35
DO12
Bit 12
DO36
Bit 36
Not defined
DO13
Bit 13
DO37
Bit 37
DO14
Bit 14
DO38
Bit 38
DO15
Bit 15
DO39
Bit 39
DO16
Bit 16
Source number
DO40
Bit 40
DO17
Bit 17
DO41
Bit 41
DO18
Bit 18
DO42
Bit 42
DO19
Bit 19
DO43
Bit 43
DO20
Bit 20
Channel number
DO44
Bit 44
DO21
Bit 21
DO45
Bit 45
DO22
Bit 22
DO46
Bit 46
DO23
Bit 23
DO47
Bit 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com