Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 46 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 46 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 48Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 49Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 50Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
46
Clock source; RDA TA output setting:
REGISTER ADDRESS
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
0
1
0
1
0
0
CAU
CAL
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
CCB address: 0xE8;
Command address: 5
0
RDTMUT
RDTSTA
RDTSEL
0
RCKSEL
OCKSEL
SELMTD
SELMTD
Output clock source switching setting
0: Simultaneously switch R system and S system according to
OCKSEL. (initial value)
1: Switch R system according to RCKSEL and fix S system to XIN.
OCKSEL
Clock source setting when SELMTD = 0
0: Use XIN clock as source during PLL lock. (initial value)
1: Use XIN clock as source regardless of PLL status.
RCKSEL
Clock source setting when SELMTD = 1
0: Use XIN clock as source during PLL lock. (initial value)
1: Use XIN clock as source regardless of PLL status.
RDTSEL
RDATA output setting during PLL unlock
0: Output SDIN data during PLL unlock. (initial value)
1. Mute during PLL unlock.
RDTSTA
RDATA output setting
0: According to RDTSEL (initial value)
1: Output SDIN input data regardless of PLL status.
RDTMUT
RDATA mute setting
0: Output data selected with RDTSEL.
1: Muted
When the oscillation amplifier is set to permanent continuous operation using AMPOPR[0:1] or if
changes are set not to be reflected to the error flag using FSERR, OCKSEL and RCKSEL can switch
the clock source while maintaining the RERR status. However, RERR outputs an error during
switching if none of these settings are performed.
A clock synchronized to the SDIN input data is selected to input data to SDIN.
The XIN source can be switched while maintaining the PLL locked status. However, since clock and
data output switching can be set individually for each, it is recommended to select mute or SDIN data
for the output data during XIN source switching.
If AMPOPR[0:1] is set to automatically stop the oscillation amplifier during PLL locked, XIN source
switching from the PLL locked status is executed only after the resonator is oscillating stably. Output
data switching is also done at this time according to XIN source switching.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com