Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 42 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 42 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 46Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
42
DEMODULATION FUNCTION
System setting:
REGISTER
ADDRESS
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
0
0
0
1
0
0
CAU
CAL
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
CCB address: 0xE8;
Command address: 1
0
0
FSLIM1
FSLIM0
RXMON
AOSEL
VOSEL
UOSEL
UOSEL
EMPHA/UO pin setting
0: EMPHA emphasis output (initial value)
1: UO user data output
VOSEL
AUDIO /VO pin setting
0: AUDIO channel status bit 1 output (initial value)
1: VO validity flag output
AOSEL
Output contents when AUDIO is set with AUDIO /VO pin
0: Channel status bit 1 read (initial value)
1: Channel status bit 1, IEC61937, DTS-CD/LD detection flag
output
RXMON
Digital data input status monitoring function setting
0: Do not monitor data input status (initial setting)
1: Monitor data input status
FSLIM [1:0]
Setting of sampling frequency reception range for RX input signal
00: No limit (initial value)
01: fs
≤ 96kHz
10: fs
≤ 48kHz
11: Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com