Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 7Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 8Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 9Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 10Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 11Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 12Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 13Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
11
CHIP ADDRESS SETTINGS (EMPHA/UO, AUDIO /VO)
The WM8802 comes with a function to set a unique chip address to allow the use of several
WM8802 on the same micro-controller bus.
A 10k
Ω pull-down or pull-up resistor is used to set EMPHA/UO and AUDIO /VO as the chip address
settings. This allows up to set 4 chip addresses.
Chip addresses in the micro-controller interface can be set with CAL and CAU provided that they are
first two bits on the LSB side. CAL and CAU corresponds to the lower and higher chip address
respectively.
Address writing to a particular device is enabled by making the chip address setting, using
EMPHA/UO and AUDIO /VO, the same as the chip addresses sent from the micro-controller.
The chip address setting must be performed even when using only one WM8802 in the system. The
chip address is undefined and control from the micro-controller cannot be performed if the chip
address setting is not performed. While XMODE is Low and the micro-controller is not used the state
of the chip address setting pin is undefined,. Be sure to connect either A pull-down resistor or a pull-
up resistor should be connected to EMPHA/UO and AUDIO /VO.
AUDIO
/VO
EMPHA/UO
CAU
CAL
Pull-down
Pull-down
0
0
Pull-down
Pull-up
0
1
Pull-up
Pull-down
1
0
Pull-up
Pull-up
1
1
Table 2 Chipset Address Settings
INT
CKST
AUDIO/VO
EMPH/UO
WM8802
Pull-up 10k
Ω
External
Circuit
Pull-down 10k
Ω
Figure 4 Function Setting Input Pin Setting Example
Notes:
1.
Chip address setting
=> CAL = CAU = 0
2.
Demodulation function master or slave setting
=> Master
3.
Modulation function or general purpose I/O port switch => General purpose I/O port
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com