Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
41
WRITE COMMAND DETAILS
All system settings:
REGISTER ADDRESS
DI7
DI6
DI5
DI4
DI3
DI2
DI1
DI0
0
0
0
0
0
0
CAU
CAL
DI15
DI14
DI13
DI12
DI11
DI10
DI9
DI8
CCB address: 0xE8;
Command address: 0
TESTM
0
TXOPR
RXOPR
INTOPF
0
DOEN
SYSRST
SYSRST
System reset
0: Do not reset (initial value)
1: Reset circuits other than command registers
DOEN
DO output setting
0: Output (initial value)
1: Always high impedance state (read disabled)
INTOPF
INT pin output setting
0: Output Low level during source occurrence (initial value)
1: Output Low pulse during source occurrence
RXOPR
Demodulation function operation setting
0: Operate (initial value)
1: Stop
TXOPR
Modulation function operation setting
0: Stop (initial value)
1: Operate
TESTM
Test mode setting
0: Normal operation (initial value)
1: Enter test mode
RBCK and SBCK output Low and RLRCK and SLRCK output High when reset through SYSRST or
the demodulation function stop setting is performed with RXOPR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com