Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 57Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 58Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 59Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 60Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 61Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 62Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 63Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 64Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 65Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 61 / 65 page
background image
Product Preview
WM8802
w
PP Rev 1.1 April 2004
61
BURST PREAMBLE PC FIELD
The burst preamble Pc field is shown below.
For the latest information, check the standards issued by each licensee.
REGISTER
VALUE
CONTENTS
DO4 to 0
0
NULL data
1
Dolby AC-3 data
2
Reserved
3
Pause
4
MPEG-1, layer 1 data
5
MPEG-1, layer 2, 3 data, or non-extended MPEG-2
6
Extended MPEG-2 data
7
Reserved
8
MPEG-2, layer 1, low sampling rate
9
MPEG-2, layer 2, 3, low sampling rate
10
Reserved
11
DTS type1
12
DTS type2
13
DTS type3
14
ATRAC
15
ATRACK2/3
16 to 26
Reserved
27
Reserved (MPEG-4, AAC data)
28
MPEG-2, AAC data
29 to 31
Reserved
DO6, 5
0
Reserved (fixed to "0")
DO7
0
Error flag indicating effective burst payload
1
Error flag indicating burst payload error
DO12 to 8
Data type dependent information
DO15 to 13
0
Bit stream No. (fixed to "0")
Table 22 Burst Preamble Pc Field



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com