Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8802SCFV Datasheet(PDF) 30 Page - Wolfson Microelectronics plc

Part # WM8802SCFV
Description  Digital Audio Interface Transceiver
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8802SCFV Datasheet(HTML) 30 Page - Wolfson Microelectronics plc

Back Button WM8802SCFV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 29Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 30Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 31Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 32Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 33Page - Wolfson Microelectronics plc WM8802SCFV Datasheet HTML 34Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 65 page
background image
WM8802
Product Preview
w
PP Rev 1.1 April 2004
30
RDATA
Output starts from the RLRCK edge immediately after RERR flag is lowered
RERR
Internal clock signal
RLRCK
Data
45 ms to 300 ms
OK
Figure 21 Internal Lock Signal
CHANNEL STATUS OUTPUT
DATA CATEGORY SPECIFICATION BIT 1 OUTPUT ( AUDIO )
The AUDIO pin outputs bit 1 of the channel status indicating that the input bi-phase data is PCM
audio data. AUDIO status is immediately output upon detection of RERR even during High output.
An output ORed with IEC61937 or the DTS-CD/LD detection flag is also possible with AOSEL.
AUDIO
OUTPUT CONDITIONS
0
PCM audio data (CS bit 1 = Low)
1
Non-audio data (CS bit 1 = High
Table 12 AUDIO Output
EMPHASIS INFORMATION OUTPUT (EMPHA)
The EMPHA pin output indicates that the signal has the presence or absence of 50/15
µs emphasis
for consumer and broadcast studio.
EMPHA status is immediately output upon detection of RERR even during High output.
EMPHA
OUTPUT CONDITIONS
0
No pre-emphasis
1
50/15
µs pre-emphasis
Table 13 EMPHA Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com