Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 15Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 16Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 19Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 20Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Data Sheet
8 Mbit LPC Flash
SST49LF080A
17
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
PARALLEL PROGRAMMING MODE
Device Operation
Commands are used to initiate the memory operation func-
tions of the device. The data portion of the software com-
mand sequence is latched on the rising edge of WE#.
During the software command sequence the row address
is latched on the falling edge of R/C# and the column
address is latched on the rising edge of R/C#.
Reset
Driving the RST# low will initiate a hardware reset of the
SST49LF080A. See Table 23 for Reset timing parameters
and Figure 16 for Reset timing diagram.
Read
The Read operation of the SST49LF080A device is con-
trolled by OE#. OE# is the output control and is used to
gate data from the output pins. Refer to the Read cycle tim-
ing diagram, Figure 17, for further details.
Byte-Program Operation
The SST49LF080A device is programmed on a byte-by-
byte basis. Before programming, one must ensure that the
sector in which the byte is programmed is fully erased. The
Byte-Program operation is initiated by executing a four-byte
command load sequence for Software Data Protection with
address (BA) and data in the last byte sequence. During
the Byte-Program operation, the row address (A10-A0) is
latched on the falling edge of R/C# and the column address
(A21-A11) is latched on the rising edge of R/C#. The data
bus is latched on the rising edge of WE#. The Program
operation, once initiated, will be completed, within 20 µs.
See Figure 21 for Program operation timing diagram and
Figure 33 for its flowchart. During the Program operation,
the only valid reads are Data# Polling and Toggle Bit. Dur-
ing the internal Program operation, the host is free to per-
form additional tasks. Any commands written during the
internal Program operation will be ignored.
Sector-Erase Operation
The Sector-Erase operation allows the system to erase
the device on a sector-by-sector basis. The sector archi-
tecture is based on uniform sector size of 4 KByte. The
Sector-Erase operation is initiated by executing a six-byte
command load sequence for Software Data Protection
with Sector-Erase command (30H) and sector address
(SA) in the last bus cycle. The internal Erase operation
begins after the sixth WE# pulse. The End-of-Erase can
be determined using either Data# Polling or Toggle Bit
methods. See Figure 22 for Sector-Erase timing wave-
forms. Any commands written during the Sector-Erase
operation will be ignored.
Block-Erase Operation
The Block-Erase Operation allows the system to erase the
device
in
64
KByte
uniform
block
size
for
the
SST49LF080A. The Block-Erase operation is initiated by
executing a six-byte command load sequence for Software
Data Protection with Block-Erase command (50H) and
block address. The internal Block-Erase operation begins
after the sixth WE# pulse. The End-of-Erase can be deter-
mined using either Data# Polling or Toggle Bit methods.
See Figure 23 for Block-Erase timing waveforms. Any com-
mands written during the Block-Erase operation will be
ignored.
Chip-Erase Operation
The SST49LF080A devices provide a Chip-Erase opera-
tion, which allows the user to erase the entire memory
array to the “1s” state. This is useful when the entire device
must be quickly erased.
The Chip-Erase operation is initiated by executing a six-
byte Software Data Protection command sequence with
Chip-Erase command (10H) with address 5555H in the last
byte sequence. The internal Erase operation begins with
the rising edge of the sixth WE#. During the internal Erase
operation, the only valid read is Toggle Bit or Data# Polling.
See Table 11 for the command sequence, Figure 24 for
Chip-Erase timing diagram, and Figure 36 for the flowchart.
Any commands written during the Chip-Erase operation
will be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com