Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 12 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 12 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 9Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 10Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 11Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 12Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 15Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 16Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
12
Data Sheet
8 Mbit LPC Flash
SST49LF080A
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
FIGURE 4: LPC READ CYCLE WAVEFORM
TABLE
5: LPC READ CYCLE
Clock
Cycle
Field
Name
Field Contents
LAD[3:0]1
LAD[3:0]
Direction
Comments
1
START
0000
IN
LFRAME# must be active (low) for the part to respond. Only the
last start field (before LFRAME# transitions high) should be rec-
ognized.
2
CYCTYPE
+ DIR
010X
IN
Indicates the type of cycle. Bits 3:2 must be “01b” for memory cycle.
Bit 1 indicates the type of transfer “0” for Read. Bit 0 is reserved.
3-10
ADDRESS
YYYY
IN
Address Phase for Memory Cycle. LPC protocol supports a 32-
bit address phase. YYYY is one nibble of the entire address.
Addresses are transferred most-significant nibble fist. See Table
3 for address bits definition and Table 4 for valid memory
address range.
11
TAR0
1111
IN
then Float
In this clock cycle, the host has driven the bus to all 1s and then
floats the bus. This is the first part of the bus “turnaround cycle.”
12
TAR1
1111 (float)
Float
then OUT
The SST49LF080A takes control of the bus during this cycle
13
SYNC
0000
OUT
The SST49LF080A outputs the value 0000b indicating that data
will be available during the next clock cycle.
14
DATA
ZZZZ
OUT
This field is the least-significant nibble of the data byte.
15
DATA
ZZZZ
OUT
This field is the most-significant nibble of the data byte.
16
TAR0
1111
IN
then Float
In this clock cycle, the host has driven the bus to all 1s and then
floats the bus. This is the first part of the bus “turnaround cycle.”
17
TAR1
1111 (float)
Float
then OUT
The SST49LF080A takes control of the bus during this cycle
T5.0 1235
1. Field contents are valid on the rising edge of the present clock cycle.
1235 F04.0
LCLK
CE#
LFRAME#
LAD[3:0]
0000b
010Xb
A[23:20] A[19:16]
A[3:0]
A[7:4]
A[11:8]
A[15:12]
1111b
Tri-State
2 Clocks
TAR0
Load Address in 8 Clocks
Address
1 Clock 1 Clock
Start
CYCTYPE
+
DIR
TAR
1 Clock
Sync
Data
Data Out 2 Clocks
0000b
D[7:4]
D[3:0]
A[31:28] A[27:24]
TAR1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com