Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 4 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 4 Page - Silicon Storage Technology, Inc

  SST49LF080A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 49 page
background image
4
Data Sheet
8 Mbit LPC Flash
SST49LF080A
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
LIST OF FIGURES
FIGURE 1: Pin Assignments for 32-lead PLCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
FIGURE 2: Pin Assignments for 32-lead TSOP (8mm x 14mm) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
FIGURE 3: Device Memory Map . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
FIGURE 4: LPC Read Cycle Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
FIGURE 5: LPC Write Cycle Waveform . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
FIGURE 6: Program Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 21
FIGURE 7: Data# Polling Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 22
FIGURE 8: Toggle Bit Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 23
FIGURE 9: Sector-Erase Command Sequence (LPC Mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24
FIGURE 10: Block-Erase Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25
FIGURE 11: Register Readout Command Sequence (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
FIGURE 12: LCLK Waveform (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 29
FIGURE 13: Reset Timing Diagram (LPC Mode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30
FIGURE 14: Output Timing Parameters (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
FIGURE 15: Input Timing Parameters (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32
FIGURE 16: Reset Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
FIGURE 17: Read Cycle Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
FIGURE 18: Write Cycle Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
FIGURE 19: Data# Polling Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
FIGURE 20: Toggle Bit Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
FIGURE 21: Byte-Program Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
FIGURE 22: Sector-Erase Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
FIGURE 23: Block-Erase Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
FIGURE 24: Chip-Erase Timing Diagram (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
FIGURE 25: Software ID Entry and Read (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 38
FIGURE 26: Software ID Exit (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
FIGURE 27: AC Input/Output Reference Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
FIGURE 28: A Test Load Example. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 39
FIGURE 29: Read Flowchart (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
FIGURE 30: Byte-Program Flowchart (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 40
FIGURE 31: Erase Command Sequences Flowchart (LPC Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 41
FIGURE 32: Software Product ID Command Sequences Flowchart (LPC Mode) . . . . . . . . . . . . . . . . . . . . 42
FIGURE 33: Byte-Program Command Sequences Flowchart (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . 43
FIGURE 34: Wait Options Flowchart (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44
FIGURE 35: Software Product ID Command Sequences Flowchart (PP Mode) . . . . . . . . . . . . . . . . . . . . . 45
FIGURE 36: Erase Command Sequence Flowchart (PP Mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com