Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 30 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 30 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 26Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 27Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 28Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 29Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 30Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 31Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 32Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 33Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 34Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 49 page
background image
30
Data Sheet
8 Mbit LPC Flash
SST49LF080A
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
FIGURE 13: RESET TIMING DIAGRAM (LPC MODE)
TABLE 17: RESET TIMING PARAMETERS, VDD=3.0-3.6V (LPC MODE)
Symbol
Parameter
Min
Max
Units
TPRST
VDD stable to Reset Low
1
ms
TKRST
Clock Stable to Reset Low
100
µs
TRSTP
RST# Pulse Width
100
ns
TRSTF
RST# Low to Output Float
48
ns
TRST1
RST# High to LFRAME# Low
1
µs
TRSTE
RST# Low to reset during Sector-/Block-Erase or Program
10
µs
T17.0 1235
1. There may be additional latency due toTRSTE if a reset procedure is performed during a Program or Erase operation.
CLK
VDD
RST#/INIT#
LFRAME#
LAD[3:0]
1235 F13.0
TPRST
TKRST
TRSTP
TRSTF
TRSTE
Sector-/Block-Erase
or Program operation
aborted
TRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com