Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 39 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 39 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 35Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 36Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 37Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 38Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 39Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 40Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 41Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 42Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 43Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 49 page
background image
Data Sheet
8 Mbit LPC Flash
SST49LF080A
39
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
FIGURE 26: SOFTWARE ID EXIT (PP MODE)
FIGURE 27: AC INPUT/OUTPUT REFERENCE WAVEFORMS
FIGURE 28: A TEST LOAD EXAMPLE
5555
5555
2AAA
A14-0
(Internal AMS-0)
R/C#
OE#
WE#
DQ7-0
AA
1235 F26.0
55
F0
TIDA
1235 F27.0
REFERENCE POINTS
OUTPUT
INPUT
VIT
VIHT
VILT
VOT
AC test inputs are driven at VIHT (0.9 VDD) for a logic “1” and VILT (0.1 VDD) for a logic “0”. Measurement reference
points for inputs and outputs are VIT (0.5 VDD) and VOT (0.5 VDD). Input rise and fall times (10%
↔90%) are <3 ns.
Note: VIT - VINPUT Test
VOT - VOUTPUT Test
VIHT - VINPUT HIGH Test
VILT - VINPUT LOW Test
1235 F28.0
TO TESTER
TO DUT
CL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com