Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 11 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 11 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 9Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 10Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 11Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 12Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 15Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 49 page
background image
Data Sheet
8 Mbit LPC Flash
SST49LF080A
11
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
CE#
The CE# pin, enables and disables the SST49LF080A,
controlling read and write access of the device. To enable
the SST49LF080A, the CE# pin must be driven low one
clock cycle prior to LFRAME# being driven low. The device
will enter standby mode when internal Write operations are
completed and CE# is high.
LFRAME#
The LFRAME# signifies the start of a (frame) bus cycle or
the termination of an undesired cycle. Asserting LFRAME#
for two or more clock cycle and driving a valid START value
on LAD[3:0] will initiate device operation. The device will
enter standby mode when internal operations are com-
pleted and LFRAME# is high.
TBL#, WP#
The Top Boot Lock (TBL#) and Write Protect (WP#) pins
are provided for hardware write protection of device mem-
ory. The TBL# pin is used to Write-Protect 16 boot sectors
(64 KByte) at the highest memory address range for the
SST49LF080A. The WP# pin write protects the remaining
sectors in the flash memory.
An active low signal at the TBL# pin prevents Program and
Erase operations of the top boot sectors. When TBL# pin is
held high, the write protection of the top boot sectors is dis-
abled. The WP# pin serves the same function for the
remaining sectors of the device memory. The TBL# and
WP# pins write protection functions operate independently
of one another.
Both TBL# and WP# pins must be set to their required pro-
tection states prior to starting a Program or Erase opera-
tion. A logic level change occurring at the TBL# or WP# pin
during a Program or Erase operation could cause unpre-
dictable results.
INIT#, RST#
A VIL on INIT# or RST# pin initiates a device reset. INIT#
and RST# pins have the same function internally. It is
required to drive INIT# or RST# pins low during a system
reset to ensure proper CPU initialization. During a Read
operation, driving INIT# or RST# pins low deselects the
device and places the output drivers, LAD[3:0], in a high-
impedance state. The reset signal must be held low for a
minimal duration of time TRSTP. A reset latency will occur if
a reset procedure is performed during a Program or Erase
operation. See Table 17, Reset Timing Parameters for
more information. A device reset during an active Program
or Erase will abort the operation and memory contents may
become invalid due to data being altered or corrupted from
an incomplete Erase or Program operation.
System Memory Mapping
The LPC interface protocol has address length of 32-bit or
4 GByte. The SST49LF080A will respond to addresses in
the range as specified in Table 4.
Refer to “Multiple Device Selection” section for more detail
on strapping multiple SST49LF080A devices to increase
memory densities in a system and “Registers” section on
valid register addresses.
TABLE
4: ADDRESS DECODING RANGE
ID Strapping
Device Access
Address Range
Memory Size
Device #0 - 3
Memory Access
FFFF FFFFH : FFC0 0000H
4 MByte
Register Access
FFBF FFFFH : FF80 0000H
4 MByte
Device #4 - 7
Memory Access
FF7F FFFFH : FF40 0000H
4 MByte
Register Access
FF3F FFFFH : FF00 0000H
4 MByte
Device #8 - 11
Memory Access
FEFF FFFFH : FEC0 0000H
4 MByte
Register Access
FEBF FFFFH : FE80 0000H
4 MByte
Device #12 - 15
Memory Access
FE7F FFFFH : FE40 0000H
4 MByte
Register Access
FE3F FFFFH : FE00 0000H
4 MByte
Device #01
1. For device #0 (Boot Device), SST49LF080A decodes the physical addresses of the top 2 blocks (including Boot Block) both at
system memory ranges FFFF FFFFH to FFFE 0000H and 000F FFFFH to 000E 0000H.
Memory Access
000F FFFFH : 000E 0000H
128 KByte
T4.0 1235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com