Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 32 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 32 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 28Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 29Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 30Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 31Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 32Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 33Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 34Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 35Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 36Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 49 page
background image
32
Data Sheet
8 Mbit LPC Flash
SST49LF080A
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
FIGURE 14: OUTPUT TIMING PARAMETERS (LPC MODE)
FIGURE 15: INPUT TIMING PARAMETERS (LPC MODE)
TABLE 20: INTERFACE MEASUREMENT CONDITION PARAMETERS (LPC MODE)
Symbol
Value
Units
VTH1
1. The input test environment is done with 0.1 VDD of overdrive over VIH and VIL. Timing parameters must be met with no more over-
drive than this. VMAX specified the maximum peak-to-peak waveform allowed for measuring input timing. Production testing may use
different voltage values, but must correlate results back to these parameters
0.6 VDD
V
VTL1
0.2 VDD
V
VTEST
0.4 VDD
V
VMAX1
0.4 VDD
V
Input Signal Edge Rate
1
V/ns
T20.0 1235
TVAL
TOFF
TON
1235 F14.0
LCLK
LAD [3:0]
(Valid Output Data)
LAD [3:0]
(Float Output Data)
VTEST
VTL
VTH
TSU
TDH
Inputs
Valid
1235 F15.0
LCLK
LAD [3:0]
(Valid Input Data)
VTEST
VTL
VMAX
VTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com