Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 18 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 18 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 15Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 16Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 19Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 20Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 21Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 22Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 49 page
background image
18
Data Sheet
8 Mbit LPC Flash
SST49LF080A
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
Write Operation Status Detection
The SST49LF080A devices provide two software means to
detect the completion of a Write (Program or Erase) cycle,
in order to optimize the system Write cycle time. The soft-
ware detection includes two status bits: Data# Polling D[7]
and Toggle Bit D[6]. The End-of-Write detection mode is
enabled after the rising edge of WE# which initiates the
internal Program or Erase operation.
The actual completion of the nonvolatile write is asynchro-
nous with the system; therefore, either a Data# Polling or
Toggle Bit read may be simultaneous with the completion
of the Write cycle. If this occurs, the system may possibly
get an erroneous result, i.e., valid data may appear to con-
flict with either D[7] or D[6]. In order to prevent spurious
rejection, if an erroneous result occurs, the software routine
should include a loop to read the accessed location an
additional two (2) times. If both reads are valid, then the
device has completed the Write cycle, otherwise the rejec-
tion is valid.
Data# Polling (DQ7)
When the SST49LF080A device is in the internal Program
operation, any attempt to read DQ7 will produce the com-
plement of the true data. Once the Program operation is
completed, DQ7 will produce true data. Note that even
though DQ7 may have valid data immediately following the
completion of an internal Write operation, the remaining
data outputs may still be invalid: valid data on the entire
data bus will appear in subsequent successive Read
cycles after an interval of 1 µs. During internal Erase opera-
tion, any attempt to read DQ7 will produce a ‘0’. Once the
internal Erase operation is completed, DQ7 will produce a
‘1’. The Data# Polling is valid after the rising edge of fourth
WE# pulse for Program operation. For Sector-, Block-, or
Chip-Erase, the Data# Polling is valid after the rising edge
of sixth WE# pulse. See Figure 19 for Data# Polling timing
diagram and Figure 34 for a flowchart. Proper status will
not be given using Data# Polling if the address is in the
invalid range.
Toggle Bit (DQ6)
During the internal Program or Erase operation, any con-
secutive attempts to read DQ6 will produce alternating ‘0’s
and ‘1’s, i.e., toggling between 0 and 1. When the internal
Program or Erase operation is completed, the toggling will
stop. The device is then ready for the next operation. The
Toggle Bit is valid after the rising edge of fourth WE# pulse
for Program operation. For Sector-, Block-, or Chip-Erase,
the Toggle Bit is valid after the rising edge of sixth WE#
pulse. See Figure 20 for Toggle Bit timing diagram and Fig-
ure 34 for a flowchart.
TABLE 10: OPERATION MODES SELECTION (PP MODE)
Mode
RST#
OE#
WE#
DQ
Address
Read
VIH
VIL
VIH
DOUT
AIN
Program
VIH
VIH
VIL
DIN
AIN
Erase
VIH
VIH
VIL
X1
1. X can be VIL or VIH, but no other value.
Sector or Block address,
XXH for Chip-Erase
Reset
VIL
XX
High Z
X
Write Inhibit
VIH
X
VIL
X
X
VIH
High Z/DOUT
High Z/DOUT
X
X
Product Identification
VIH
VIL
VIH
Manufacturer’s ID (BFH)
Device ID2
2. Device ID = 5BH for SST49LF080A
See Table 11
T10.0 1235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com