Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 19 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 19 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 15Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 16Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 19Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 20Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 21Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 22Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 23Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 49 page
background image
Data Sheet
8 Mbit LPC Flash
SST49LF080A
19
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
Data Protection (PP Mode)
The SST49LF080A devices provide both hardware and
software features to protect nonvolatile data from inadvert-
ent writes.
Hardware Data Protection
Noise/Glitch Protection: A WE# pulse of less than 5 ns will
not initiate a Write cycle.
VDD Power Up/Down Detection: The Write operation is
inhibited when VDD is less than 1.5V.
Write Inhibit Mode: Forcing OE# low, WE# high will inhibit
the Write operation. This prevents inadvertent writes during
power-up or power-down.
Software Data Protection (SDP)
The SST49LF080A provides the JEDEC approved Soft-
ware Data Protection scheme for all data alteration opera-
tion, i.e., Program and Erase. Any Program operation
requires the inclusion of a series of three-byte sequence.
The three-byte load sequence is used to initiate the Pro-
gram operation, providing optimal protection from inadvert-
ent Write operations, e.g., during the system power-up or
power-down. Any Erase operation requires the inclusion of
a six-byte load sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com