Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST49LF080A Datasheet HTML 1Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 2Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 3Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 4Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 5Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 49 page
background image
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
Intel is a registered trademark of Intel Corporation.
These specifications are subject to change without notice.
Data Sheet
FEATURES:
•
LPC Interface Flash
– SST49LF080A: 1024K x8 (8 Mbit)
•
Conforms to Intel LPC Interface Specification 1.0
•
Flexible Erase Capability
– Uniform 4 KByte Sectors
– Uniform 64 KByte overlay blocks
– 64 KByte Top Boot Block protection
– Chip-Erase for PP Mode Only
•
Single 3.0-3.6V Read and Write Operations
•
Superior Reliability
– Endurance: 100,000 Cycles (typical)
– Greater than 100 years Data Retention
•
Low Power Consumption
– Active Read Current: 6 mA (typical)
– Standby Current: 10 µA (typical)
•
Fast Sector-Erase/Byte-Program Operation
– Sector-Erase Time: 18 ms (typical)
– Block-Erase Time: 18 ms (typical)
– Chip-Erase Time: 70 ms (typical)
– Byte-Program Time: 14 µs (typical)
– Chip Rewrite Time: 16 seconds (typical)
– Single-pulse Program or Erase
– Internal timing generation
•
Two Operational Modes
– Low Pin Count (LPC) Interface mode for
in-system operation
– Parallel Programming (PP) Mode for fast production
programming
•
LPC Interface Mode
– 5-signal communication interface supporting
byte Read and Write
– 33 MHz clock frequency operation
– WP# and TBL# pins provide hardware write protect
for entire chip and/or top boot block
– Standard SDP Command Set
– Data# Polling and Toggle Bit for End-of-Write
detection
– 5 GPI pins for system design flexibility
– 4 ID pins for multi-chip selection
•
Parallel Programming (PP) Mode
– 11-pin multiplexed address and 8-pin data
I/O interface
– Supports fast programming In-System on
programmer equipment
•
CMOS and PCI I/O Compatibility
•
Packages Available
– 32-lead PLCC
– 32-lead TSOP (8mm x 14mm)
PRODUCT DESCRIPTION
The SST49LF080A flash memory device is designed to
interface with the LPC bus for PC and Internet Appliance
application in compliance with Intel Low Pin Count (LPC)
Interface Specification 1.0. Two interface modes are sup-
ported: LPC mode for in-system operations and Parallel
Programming (PP) mode to interface with programming
equipment.
The SST49LF080A flash memory device is manufactured
with SST’s proprietary, high-performance SuperFlash
Technology. The split-gate cell design and thick-oxide tun-
neling injector attain better reliability and manufacturability
compared with alternate approaches. The SST49LF080A
device significantly improves performance and reliability,
while lowering power consumption. The SST49LF080A
device writes (Program or Erase) with a single 3.0-3.6V
power supply. It uses less energy during Erase and Pro-
gram than alternative flash memory technologies. The total
energy consumed is a function of the applied voltage, cur-
rent and time of application. For any give voltage range, the
SuperFlash technology uses less current to program and
has a shorter erase time; the total energy consumed during
any Erase or Program operation is less than alternative
flash memory technologies. The SST49LF080A product
provides a maximum Byte-Program time of 20 µsec. The
entire memory can be erased and programmed byte-by-
byte typically in 16 seconds when using status detection
features such as Toggle Bit or Data# Polling to indicate the
completion of Program operation. The SuperFlash technol-
ogy provides fixed Erase and Program time, independent
of the number of Erase/Program cycles that have per-
formed. Therefore the system software or hardware does
not have to be calibrated or correlated to the cumulative
number of Erase cycles as is necessary with alternative
flash memory technologies, whose Erase and Program
time increase with accumulated Erase/Program cycles.
To meet high density, surface mount requirements, the
SST49LF080A device is offered in 32-lead TSOP and 32-
lead PLCC packages. See Figures 1 and 2 for pin assign-
ments and Table 1 for pin descriptions.
8 Mbit LPC Flash
SST49LF080A
SST49LF080A8 Mbit LPC Flash


Similar Part No. - SST49LF080A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF080A SST-SST49LF080A Datasheet
589Kb / 49P
8 Mbit LPC Flash
logo
Microchip Technology
SST49LF080A MICROCHIP-SST49LF080A Datasheet
341Kb / 50P
8 Mbit LPC Flash
11/14
logo
Silicon Storage Technol...
SST49LF080A-33-4C-NHE SST-SST49LF080A-33-4C-NHE Datasheet
589Kb / 49P
8 Mbit LPC Flash
logo
Microchip Technology
SST49LF080A-33-4C-NHE MICROCHIP-SST49LF080A-33-4C-NHE Datasheet
341Kb / 50P
8 Mbit LPC Flash
11/14
logo
Silicon Storage Technol...
SST49LF080A-33-4C-WHE SST-SST49LF080A-33-4C-WHE Datasheet
589Kb / 49P
8 Mbit LPC Flash
More results

Similar Description - SST49LF080A

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST49LF040 SST-SST49LF040 Datasheet
724Kb / 48P
4 Mbit LPC Flash
SST49LF004B SST-SST49LF004B Datasheet
460Kb / 39P
4 Mbit LPC Firmware Flash
SST49LF016C SST-SST49LF016C Datasheet
563Kb / 37P
16 Mbit LPC Serial Flash
SST49LF020A SST-SST49LF020A Datasheet
593Kb / 50P
2 Mbit LPC Flash
SST49LF080A SST-SST49LF080A_06 Datasheet
589Kb / 49P
8 Mbit LPC Flash
SST49LF004C SST-SST49LF004C Datasheet
510Kb / 36P
4 Mbit / 8 Mbit LPC Serial Flash
SST49LF160C SST-SST49LF160C Datasheet
655Kb / 35P
16 Mbit LPC Flash
SST49LF030A SST-SST49LF030A Datasheet
645Kb / 49P
3 Mbit LPC Flash
logo
Microchip Technology
SST49LF080A MICROCHIP-SST49LF080A Datasheet
341Kb / 50P
8 Mbit LPC Flash
11/14
SST49LF160C MICROCHIP-SST49LF160C Datasheet
301Kb / 37P
16 Mbit LPC Flash
02/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com