Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 10 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 10 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 6Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 7Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 8Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 9Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 10Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 11Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 12Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 14Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
10
Data Sheet
8 Mbit LPC Flash
SST49LF080A
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
DESIGN CONSIDERATIONS
SST recommends a high frequency 0.1 µF ceramic capac-
itor to be placed as close as possible between VDD and
VSS less than 1 cm away from the VDD pin of the device.
Additionally, a low frequency 4.7 µF electrolytic capacitor
from VDD to VSS should be placed within 5 cm of the VDD
pin. If you use a socket for programming purposes add an
additional 1-10 µF next to each socket.
PRODUCT IDENTIFICATION
The Product Identification mode identifies the device as the
SST49LF080A and manufacturer as SST.
MODE SELECTION
The SST49LF080A flash memory devices can operate in
two distinct interface modes: the LPC mode and the Parallel
Programming (PP) mode. The mode pin is used to set the
interface mode selection. If the mode pin is set to logic High,
the device is in PP mode. If the mode pin is set Low, the
device is in the LPC mode. The mode selection pin must be
configured prior to device operation. The mode pin is inter-
nally pulled down if the pin is left unconnected. In LPC
mode, the device is configured to its host using standard
LPC interface protocol. Communication between Host and
the SST49LF080A occurs via the 4-bit I/O communication
signals, LAD [3:0] and LFRAME#. In PP mode, the device
is programmed via an 11-bit address and an 8-bit data I/O
parallel signals. The address inputs are multiplexed in row
and column selected by control signal R/C# pin. The row
addresses are mapped to the lower internal addresses
(A10-0), and the column addresses are mapped to the
higher internal addresses (AMS-11). See Figure 3, the
Device Memory Map, for address assignments.
LPC MODE
Device Operation
The LPC mode uses a 5-signal communication interface, a
4-bit address/data bus, LAD[3:0], and a control line,
LFRAME#, to control operations of the SST49LF080A.
Cycle type operations such as Memory Read and Memory
Write are defined in Intel Low Pin Count Interface Specifi-
cation, Revision 1.0. JEDEC Standard SDP (Software
Data
Protection)
Program
and
Erase
commands
sequences are incorporated into the standard LPC mem-
ory cycles. See Figures 6 through 11 for command
sequences.
LPC signals are transmitted via the 4-bit Address/Data bus
(LAD[3:0]), and follow a particular sequence, depending on
whether they are Read or Write operations. LPC memory
Read and Write cycle is defined in Tables 5 and 6.
Both LPC Read and Write operations start in a similar way
as shown in Figures 4 and 5. The host (which is the term
used here to describe the device driving the memory)
asserts LFRAME# for two or more clocks and drives a start
value on the LAD[3:0] bus.
At the beginning of an operation, the host may hold the
LFRAME# active for several clock cycles, and even change
the Start value. The LAD[3:0] bus is latched every rising
edge of the clock. On the cycle in which LFRAME# goes
inactive, the last latched value is taken as the Start value.
CE# must be asserted one cycle before the start cycle to
select the SST49LF080A for Read and Write operations.
Once the SST49LF080A identifies the operation as valid (a
start value of all zeros), it next expects a nibble that indi-
cates whether this is a memory Read or Write cycle. Once
this is received, the device is now ready for the Address
cycles. The LPC protocol supports a 32-bit address phase.
The SST49LF080A encodes ID and register space access
in the address field. See Table 3 for address bits definition.
For Write operation the Data cycle will follow the Address
cycle, and for Read operation TAR and SYNC cycles occur
between the Address and Data cycles. At the end of every
operation, the control of the bus must be returned to the
host by a 2-clock TAR cycle.
TABLE
2: PRODUCT IDENTIFICATION
Address
Data
Manufacturer’s ID
0000H
BFH
Device ID
SST49LF080A
0001H
5BH
T2.0 1235
TABLE
3: ADDRESS BITS DEFINITION
A31: A251
1. The top 32MByte address range FFFF FFFFH to FE00 0000H and the bottom 128 KByte memory access address 000F FFFFH to
000E 0000H are decoded.
A24:A23
A22
A21: A20
A19:A0
1111 111b or 0000 000b
ID[3:2]2
2. See Table 7 for multiple device selection configuration
1 = Memory Access
0 = Register access
ID[1:0]2
Device Memory address
T3.1 1235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com