Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 29 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 29 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 25Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 26Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 27Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 28Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 29Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 30Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 31Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 32Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 33Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
Data Sheet
8 Mbit LPC Flash
SST49LF080A
29
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
FIGURE 12: LCLK WAVEFORM (LPC MODE)
TABLE 15: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum
Specification
Units
Test Method
NEND1
Endurance
10,000
Cycles
JEDEC Standard A117
TDR1
Data Retention
100
Years
JEDEC Standard A103
ILTH1
Latch Up
100 + IDD
mA
JEDEC Standard 78
T15.0 1235
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 16: CLOCK TIMING PARAMETERS (LPC MODE)
Symbol
Parameter
Min
Max
Units
TCYC
LCLK Cycle Time
30
ns
THIGH
LCLK High Time
11
ns
TLOW
LCLK Low Time
11
ns
-
LCLK Slew Rate (peak-to-peak)
1
4
V/ns
-
RST# or INIT# Slew Rate
50
mV/ns
T16.0 1235
1235 F12.0
0.4 VDD p-to-p
(minimum)
Tcyc
Thigh
Tlow
0.4 VDD
0.3 VDD
0.6 VDD
0.2 VDD
0.5 VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com