Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 31 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 31 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 27Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 28Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 29Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 30Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 31Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 32Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 33Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 34Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 35Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 49 page
background image
Data Sheet
8 Mbit LPC Flash
SST49LF080A
31
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
AC Characteristics
TABLE 18: READ/WRITE CYCLE TIMING PARAMETERS, VDD=3.0-3.6V (LPC MODE)
Symbol
Parameter
Min
Max
Units
TCYC
Clock Cycle Time
30
ns
TSU
Data Set Up Time to Clock Rising
7
ns
TDH
Clock Rising to Data Hold Time
0
ns
TVAL1
1. Minimum and maximum times have different loads. See PCI spec.
Clock Rising to Data Valid
2
11
ns
TBP
Byte Programming Time
20
µs
TSE
Sector-Erase Time
25
ms
TBE
Block-Erase Time
25
ms
TON
Clock Rising to Active (Float to Active Delay)
2
ns
TOFF
Clock Rising to Inactive (Active to Float Delay)
28
ns
T18.0 1235
TABLE 19: AC INPUT/OUTPUT SPECIFICATIONS (LPC MODE)
Symbol
Parameter
Min
Max
Units
Conditions
IOH(AC)
Switching Current High
-12 VDD
-17.1(VDD-VOUT)
Equation C1
1. See PCI spec.
mA
mA
0 < VOUT ≤0.3 VDD
0.3 VDD < VOUT < 0.9 VDD
0.7 VDD < VOUT < VDD
(Test Point)
-32 VDD
mA
VOUT = 0.7 VDD
IOL(AC)
Switching Current Low
16 VDD
26.7 VOUT
Equation D1
mA
mA
VDD >VOUT ≥ 0.6 VDD
0.6 VDD > VOUT > 0.1 VDD
0.18 VDD > VOUT > 0
(Test Point)
38 VDD
mA
VOUT = 0.18 VDD
ICL
Low Clamp Current
-25+(VIN+1)/0.015
mA
-3 < VIN ≤-1
ICH
High Clamp Current
25+(VIN-VDD-1)/0.015
mA
VDD+4 > VIN ≥ VDD+1
slewr2
2. PCI specification output load is used.
Output Rise Slew Rate
1
4
V/ns
0.2 VDD-0.6 VDD load
slewf2
Output Fall Slew Rate
1
4
V/ns
0.6 VDD-0.2 VDD load
T19.0 1235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com