Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST49LF080A Datasheet(PDF) 15 Page - Silicon Storage Technology, Inc

Part # SST49LF080A
Description  8 Mbit LPC Flash
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST49LF080A Datasheet(HTML) 15 Page - Silicon Storage Technology, Inc

Back Button SST49LF080A Datasheet HTML 11Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 12Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 13Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 14Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 15Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 16Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 17Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 18Page - Silicon Storage Technology, Inc SST49LF080A Datasheet HTML 19Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 49 page
background image
Data Sheet
8 Mbit LPC Flash
SST49LF080A
15
©2003 Silicon Storage Technology, Inc.
S71235-00-000
4/03
Multiple Device Selection
Multiple LPC flash devices may be strapped to increase
memory densities in a system. The four ID pins, ID[3:0],
allow up to 16 devices to be attached to the same bus by
using different ID strapping in a system. BIOS support, bus
loading, or the attaching bridge may limit this number. The
boot device must have an ID of 0 (determined by ID[3:0]);
subsequent devices use incremental numbering. Equal
density must be used with multiple devices.
When used as a boot device, ID[3:0] must be strapped as
0000; all subsequent devices should use a sequential up-
count strapping (i.e. 0001, 0010, 0011, etc.). With the hard-
ware strapping, ID information is included in every LPC
address memory cycle. The ID bits in the address field are
inverse of the hardware strapping. The address bits
[A24:A23, A21:A20] are used to select the device with proper
IDs. See Table 7 for IDs. The SST49LF080A will compare
these bits with ID[3:0]’s strapping values. If there is a mis-
match, the device will ignore the remainder of the cycle.
Registers
There are two registers available on the SST49LF080A,
the General Purpose Inputs Registers (GPI_REG) and the
JEDEC ID Registers. Since multiple LPC memory devices
may be used to increase memory densities, these registers
appear at its respective address location in the 4 GByte
system memory map. Unused register locations will read
as 00H. Any attempt to read registers during internal Write
operation will respond as “Write operation status detection”
(Data# Polling or Toggle Bit). Any attempt to write any reg-
isters during internal Write operation will be ignored. Table
9 lists GPI_REG and JEDEC ID address locations for
SST49LF080A with its respective device strapping.
TABLE
7: MULTIPLE DEVICE SELECTION
CONFIGURATION
Device #
Hardware
Strapping
Address Bits Decoding
ID[3:0]
A24
A23
A21
A20
0 (Boot device)
0000
1111
1
0001
1110
2
0010
1101
3
0011
1100
4
0100
1011
5
0101
1010
6
0110
1001
7
0111
1000
8
1000
0111
9
1001
0110
10
1010
0101
11
1011
0100
12
1100
0011
13
1101
0010
14
1110
0001
15
1111
0000
T7.0 1235
TABLE
8: GENERAL PURPOSE INPUTS REGISTER
Bit
Function
Pin #
32-PLCC
32-TSOP
7:5
Reserved
-
-
4GPI[4]
Reads status of general
purpose input pin
30
6
3GPI[3]
Reads status of general
purpose input pin
311
2GPI[2]
Reads status of general
purpose input pin
412
1GPI[1]
Reads status of general
purpose input pin
513
0GPI[0]
Reads status of general
purpose input pin
614
T8.0 1235



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com