Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 52 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 52 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 48Page - Renesas Technology Corp HD64F2145 Datasheet HTML 49Page - Renesas Technology Corp HD64F2145 Datasheet HTML 50Page - Renesas Technology Corp HD64F2145 Datasheet HTML 51Page - Renesas Technology Corp HD64F2145 Datasheet HTML 52Page - Renesas Technology Corp HD64F2145 Datasheet HTML 53Page - Renesas Technology Corp HD64F2145 Datasheet HTML 54Page - Renesas Technology Corp HD64F2145 Datasheet HTML 55Page - Renesas Technology Corp HD64F2145 Datasheet HTML 56Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 829 page
background image
Rev. 2.0, 08/02, page 12 of 788
Table 1.2
Pin Functions of H8S/2160B and H8S/2161B in Each Operating Mode
Pin Name
Pin No.
Extended modes
Single-Chip Modes
Flash Memory
TFP-144
Mode 1
Mode 2, Mode 3
(EXPE = 1)
Mode 2, Mode 3
(EXPE = 0))
Programmer
Mode
1
VCC
VCC
VCC
VCC
2
P43/TMCI1/
HSYNCI
P43/TMCI1/
HSYNCI
P43/TMCI1/HIRQ11/
HSYNCI
NC
3
P44/TMO1/
HSYNCO
P44/TMO1/
HSYNCO
P44/TMO1/HIRQ1/
HSYNCO
NC
4
P45/TMRI1/
CSYNCI
P45/TMRI1/
CSYNCI
P45/TMRI1/HIRQ12/
CSYNCI
NC
5
P46/PWX0
P46/PWX0
P46/PWX0
NC
6
P47/PWX1
P47/PWX1
P47/PWX1
NC
7
VSS
VSS
VSS
VSS
8
5(6
5(6
5(6
5(6
9
MD1
MD1
MD1
VSS
10
MD0
MD0
MD0
VSS
11
NMI
NMI
NMI
FA9
12
67%<
67%<
67%<
VCC
13
VCL
VCL
VCL
VCC
14 (N)
P52/SCK0/SCL0
P52/SCK0/SCL0
P52/SCK0/SCL0
FA18
15
P51/RxD0
P51/RxD0
P51/RxD0
FA17
16
P50/TxD0
P50/TxD0
P50/TxD0
NC
17 (N)
P97/
:$,7/SDA0
P97/
:$,7/SDA0
P97/SDA0
VCC
18
P96/ø/EXCL
P96/ø/EXCL
P96/ø/EXCL
NC
19
$6/,26
$6/,26
P95/
&64
FA16
20
+:5
+:5
P94/
,2:
FA15
21
5'
5'
P93/
,25
:(
22
P92/
,543
P92/
,543
P92/
,543
VSS
23
P91/
,544
P91/
,544
P91/
,544
VCC
24
P90/
/:5/,545/
$'75*
P90/
/:5/,545/
$'75*
P90/
,545/$'75*/
(&65
VCC
25
PE7
PE7
PE7
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com