Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 92 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 92 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 88Page - Renesas Technology Corp HD64F2145 Datasheet HTML 89Page - Renesas Technology Corp HD64F2145 Datasheet HTML 90Page - Renesas Technology Corp HD64F2145 Datasheet HTML 91Page - Renesas Technology Corp HD64F2145 Datasheet HTML 92Page - Renesas Technology Corp HD64F2145 Datasheet HTML 93Page - Renesas Technology Corp HD64F2145 Datasheet HTML 94Page - Renesas Technology Corp HD64F2145 Datasheet HTML 95Page - Renesas Technology Corp HD64F2145 Datasheet HTML 96Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 829 page
background image
Rev. 2.0, 08/02, page 52 of 788
op
op
rn
rm
NOP, RTS
ADD.B Rn, Rm
MOV.B @(d:16, Rn), Rm
rn
rm
op
EA (disp)
op
cc
EA (disp)
BRA d:16
(1) Operation field only
(2) Operation field and register fields
(3) Operation field, register fields, and effective address extension
(4) Operation field, effective address extension, and condition field
Figure 2.11 Instruction Formats (Examples)
2.7
Addressing Modes and Effective Address Calculation
The H8S/2000 CPU supports the eight addressing modes listed in table 2.11. Each instruction uses
a subset of these addressing modes.
Arithmetic and logic operations instructions can use the register direct and immediate addressing
modes. Data transfer instructions can use all addressing modes except program-counter relative
and memory indirect. Bit manipulation instructions can use register direct, register indirect, or
absolute addressing mode to specify an operand, and register direct (BSET, BCLR, BNOT, and
BTST instructions) or immediate (3-bit) addressing mode to specify a bit number in the operand.
Table 2.11
Addressing Modes
No. Addressing Mode
Symbol
1
Register direct
Rn
2
Register indirect
@ERn
3
Register indirect with displacement
@(d:16,ERn)/@(d:32,ERn)
4
Register indirect with post-increment
Register indirect with pre-decrement
@ERn+
@–ERn
5
Absolute address
@aa:8/@aa:16/@aa:24/@aa:32
6
Immediate
#xx:8/#xx:16/#xx:32
7
Program-counter relative
@(d:8,PC)/@(d:16,PC)
8
Memory indirect
@@aa:8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com