Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 17Page - Renesas Technology Corp HD64F2145 Datasheet HTML 18Page - Renesas Technology Corp HD64F2145 Datasheet HTML 19Page - Renesas Technology Corp HD64F2145 Datasheet HTML 20Page - Renesas Technology Corp HD64F2145 Datasheet HTML 21Page - Renesas Technology Corp HD64F2145 Datasheet HTML 22Page - Renesas Technology Corp HD64F2145 Datasheet HTML 23Page - Renesas Technology Corp HD64F2145 Datasheet HTML 24Page - Renesas Technology Corp HD64F2145 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 829 page
background image
Rev. 2.0, 08/02, page xix of xxxviii
19.4.3 A20 Gate ..............................................................................................................539
19.4.4 Host Interface Shutdown Function (LPCPD) .......................................................542
19.4.5 Host Interface Serialized Interrupt Operation (SERIRQ).....................................546
19.4.6 Host Interface Clock Start Request (CLKRUN) ..................................................548
19.5
Interrupt Sources ...............................................................................................................548
19.5.1 IBFI1, IBFI2, IBFI3, and ERRI............................................................................548
19.5.2 SMI, HIRQ1, HIRQ6, HIRQ9, HIRQ10, HIRQ11, and HIRQ12 ........................549
19.6
Usage Notes.......................................................................................................................551
19.6.1 Module Stop Mode Setting...................................................................................551
19.6.2 Notes on Using Host Interface .............................................................................551
Section 20 D/A Converter .................................................................................553
20.1
Features .............................................................................................................................553
20.2
Input/Output Pins ..............................................................................................................554
20.3
Register Descriptions.........................................................................................................554
20.3.1 D/A Data Registers 0 and 1 (DADR0, DADR1)..................................................554
20.3.2 D/A Control Register (DACR).............................................................................555
20.4
Operation ...........................................................................................................................556
20.5
Usage Note ........................................................................................................................557
20.5.1 Module Stop Mode Setting...................................................................................557
Section 21 A/D Converter .................................................................................559
21.1
Features .............................................................................................................................559
21.2
Input/Output Pins ..............................................................................................................561
21.3
Register Descriptions.........................................................................................................562
21.3.1 A/D Data Registers A to D (ADDRA to ADDRD) ..............................................562
21.3.2 A/D Control/Status Register (ADCSR)................................................................563
21.3.3 A/D Control Register (ADCR).............................................................................564
21.3.4 Keyboard Comparator Control Register (KBCOMP) ..........................................565
21.4
Operation ...........................................................................................................................566
21.4.1 Single Mode .........................................................................................................566
21.4.2 Scan Mode............................................................................................................566
21.4.3 Input Sampling and A/D Conversion Time..........................................................568
21.4.4 External Trigger Input Timing .............................................................................569
21.5
Interrupt Sources ...............................................................................................................569
21.6
A/D Conversion Accuracy Definitions..............................................................................570
21.7
Usage Notes.......................................................................................................................572
21.7.1 Permissible Signal Source Impedance..................................................................572
21.7.2 Influences on Absolute Accuracy.........................................................................572
21.7.3 Setting Range of Analog Power Supply and Other Pins ......................................573
21.7.4 Notes on Board Design ........................................................................................573
21.7.5 Notes on Noise Countermeasures.........................................................................573
21.7.6 Module Stop Mode Setting...................................................................................574



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com