Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 54Page - Renesas Technology Corp HD64F2145 Datasheet HTML 55Page - Renesas Technology Corp HD64F2145 Datasheet HTML 56Page - Renesas Technology Corp HD64F2145 Datasheet HTML 57Page - Renesas Technology Corp HD64F2145 Datasheet HTML 58Page - Renesas Technology Corp HD64F2145 Datasheet HTML 59Page - Renesas Technology Corp HD64F2145 Datasheet HTML 60Page - Renesas Technology Corp HD64F2145 Datasheet HTML 61Page - Renesas Technology Corp HD64F2145 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 829 page
background image
Rev. 2.0, 08/02, page 18 of 788
1.3.3
Pin Functions
Table 1.3
Pin Functions
Pin No.
Type
Symbol
FP-100B,
TFP-100B TFP-144 I/O
Name and Function
VCC
59
1, 86
Input
Power supply pin. Connect the pin to the
system power supply.
VCL
9
13
Input
Power supply pin. Connect the pin to VCC.
VCCB
4
36
Input
The power supply for the port A
input/output buffer.
Power
VSS
15, 70, 71,
92
7, 42, 95,
111, 139
Input
Ground pin. Connect to the system power
supply (0 V).
XTAL
2
143
Input
EXTAL
3
144
Input
Pins for connection to crystal resonators.
The EXTAL pin can also input an external
clock.
See section 25, Clock Pulse Generator, for
typical connection diagrams.
ø
17
18
Output
Supplies the system clock to external
devices.
EXCL
17
18
Input
Input a 32.768 kHz external subclock.
X1
—
140
Input
Leave open.
Clock
X2
—
141
Input
Leave open.
Operating
mode
control
MD1
MD0
5
6
9
10
Input
These pins set the operating mode. These
pins should not be changed while the MCU
is operating.
5(6
1
8
Input
Reset pin.
When this pin becomes low, the chip is
reset.
5(62
100
142
Output Outputs reset signal to external device.
System
control
67%<
8
12
Input
When this pin is driven low, a transition is
made to hardware standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com