Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 68Page - Renesas Technology Corp HD64F2145 Datasheet HTML 69Page - Renesas Technology Corp HD64F2145 Datasheet HTML 70Page - Renesas Technology Corp HD64F2145 Datasheet HTML 71Page - Renesas Technology Corp HD64F2145 Datasheet HTML 72Page - Renesas Technology Corp HD64F2145 Datasheet HTML 73Page - Renesas Technology Corp HD64F2145 Datasheet HTML 74Page - Renesas Technology Corp HD64F2145 Datasheet HTML 75Page - Renesas Technology Corp HD64F2145 Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 829 page
background image
Rev. 2.0, 08/02, page 32 of 788
• Exception vector table and memory indirect branch addresses
In advanced mode, the top area starting at H'00000000 is allocated to the exception vector
table in 32-bit units. In each 32 bits, the upper 8 bits are ignored and a branch address is stored
in the lower 24 bits (see figure 2.3). For details on the exception vector table, see section 4,
Exception Handling.
H'00000000
H'00000003
H'00000004
H'0000000B
H'0000000C
H'00000010
H'00000008
H'00000007
Reserved
Reserved
Reserved
Reset exception vector
(Reserved for system use)
Exception vector table
Exception vector 1
(Reserved for system use)
Figure 2.3 Exception Vector Table (Advanced Mode)
The memory indirect addressing mode (@@aa:8) employed in the JMP and JSR instructions
uses an 8-bit absolute address included in the instruction code to specify a memory operand
that contains a branch address. In advanced mode, the operand is a 32-bit longword operand,
providing a 32-bit branch address. The upper 8 bits of these 32 bits are a reserved area that is
regarded as H'00. Branch addresses can be stored in the area from H'00000000 to H'000000FF.
Note that the top area of this range is also used for the exception vector table.
• Stack structure
In advanced mode, when the program counter (PC) is pushed onto the stack in a subroutine
call, and the PC and condition-code register (CCR) are pushed onto the stack in exception
handling, they are stored as shown in figure 2.4. The extended control register (EXR) is not
pushed onto the stack. For details, see section 4, Exception Handling.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com