Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 73Page - Renesas Technology Corp HD64F2145 Datasheet HTML 74Page - Renesas Technology Corp HD64F2145 Datasheet HTML 75Page - Renesas Technology Corp HD64F2145 Datasheet HTML 76Page - Renesas Technology Corp HD64F2145 Datasheet HTML 77Page - Renesas Technology Corp HD64F2145 Datasheet HTML 78Page - Renesas Technology Corp HD64F2145 Datasheet HTML 79Page - Renesas Technology Corp HD64F2145 Datasheet HTML 80Page - Renesas Technology Corp HD64F2145 Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 829 page
background image
Rev. 2.0, 08/02, page 37 of 788
Bit
Bit Name
Initial Value
R/W Description
7
I
1
R/W Interrupt Mask Bit
Masks interrupts other than NMI when set to 1. NMI is
accepted regardless of the I bit setting. The I bit is set to 1
at the start of an exception-handling sequence. For details,
refer to section 5, Interrupt Controller.
6
UI
Undefined
R/W User Bit or Interrupt Mask Bit
Can be written to and read from by software using the
LDC, STC, ANDC, ORC, and XORC instructions.
5
H
Undefined
R/W Half-Carry Flag
When the ADD.B, ADDX.B, SUB.B, SUBX.B, CMP.B or
NEG.B instruction is executed, this flag is set to 1 if there is
a carry or borrow at bit 3, and cleared to 0 otherwise. When
the ADD.W, SUB.W, CMP.W, or NEG.W instruction is
executed, the H flag is set to 1 if there is a carry or borrow
at bit 11, and cleared to 0 otherwise. When the ADD.L,
SUB.L, CMP.L, or NEG.L instruction is executed, the H flag
is set to 1 if there is a carry or borrow at bit 27, and cleared
to 0 otherwise.
4
U
Undefined
R/W User Bit
Can be written to and read from by software using the
LDC, STC, ANDC, ORC, and XORC instructions.
3
N
Undefined
R/W Negative Flag
Stores the value of the most significant bit of data as a sign
bit.
2
Z
Undefined
R/W Zero Flag
Set to 1 to indicate zero data, and cleared to 0 to indicate
non-zero data.
1
V
Undefined
R/W Overflow Flag
Set to 1 when an arithmetic overflow occurs, and cleared to
0 otherwise.
0
C
Undefined
R/W Carry Flag
Set to 1 when a carry occurs, and cleared to 0 otherwise.
Used by
• Add instructions, to indicate a carry
• Subtract instructions, to indicate a borrow
• Shift and rotate instructions, to indicate a carry
The carry flag is also used as a bit accumulator by bit
manipulation instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com