Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 25Page - Renesas Technology Corp HD64F2145 Datasheet HTML 26Page - Renesas Technology Corp HD64F2145 Datasheet HTML 27Page - Renesas Technology Corp HD64F2145 Datasheet HTML 28Page - Renesas Technology Corp HD64F2145 Datasheet HTML 29Page - Renesas Technology Corp HD64F2145 Datasheet HTML 30Page - Renesas Technology Corp HD64F2145 Datasheet HTML 31Page - Renesas Technology Corp HD64F2145 Datasheet HTML 32Page - Renesas Technology Corp HD64F2145 Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 829 page
background image
Rev. 2.0, 08/02, page xxvii of xxxviii
Figure 15.10 Example of Communication Using Multiprocessor Format
(Transmission of Data H'AA to Receiving Station A) ...........................................369
Figure 15.11 Sample Multiprocessor Serial Transmission Flowchart.........................................370
Figure 15.12 Example of SCI Receive Operation
(Example with 8-Bit Data, Multiprocessor Bit, One Stop Bit)...............................371
Figure 15.13 Sample Multiprocessor Serial Reception Flowchart (1) ........................................372
Figure 15.13 Sample Multiprocessor Serial Reception Flowchart (2) ........................................373
Figure 15.14 Data Format in Clocked Synchronous Communication (LSB-First) .....................374
Figure 15.15 Sample SCI Initialization Flowchart......................................................................375
Figure 15.16 Example of SCI Transmit Operation in Clocked Synchronous Mode ...................376
Figure 15.17 Sample Serial Transmission Flowchart..................................................................377
Figure 15.18 Example of SCI Receive Operation in Clocked Synchronous Mode.....................378
Figure 15.19 Sample Serial Reception Flowchart.......................................................................379
Figure 15.20 Sample Flowchart of Simultaneous Serial Transmission and Reception...............381
Figure 15.21 IrDA Block Diagram .............................................................................................382
Figure 15.22 IrDA Transmission and Reception.........................................................................383
Figure 15.23 Example of Transmission using DTC in Clocked Synchronous Mode..................387
Figure 15.24 Sample Flowchart for Mode Transition during Transmission ...............................388
Figure 15.25 Pin States during Transmission in Asynchronous Mode (Internal Clock) .............389
Figure 15.26 Pin States during Transmission in Clocked Synchronous Mode
(Internal Clock) ......................................................................................................389
Figure 15.27 Sample Flowchart for Mode Transition during Reception.....................................390
Figure 15.28 Switching from SCK Pins to Port Pins ..................................................................391
Figure 15.29 Prevention of Low Pulse Output at Switching from SCK Pins to Port Pins ..........391
Section 16 I
2C Bus Interface (IIC) (Optional)
Figure 16.1 Block Diagram of I
2C Bus Interface ........................................................................395
Figure 16.2 I
2C Bus Interface Connections (Example: This LSI as Master) ...............................396
Figure 16.3 I
2C Bus Data Format (I2C Bus Format)....................................................................424
Figure 16.4 I
2C Bus Data Format (Formatless) (IIC_0 Only) .....................................................424
Figure 16.5 I
2C Bus Data Format (Serial Format).......................................................................425
Figure 16.6 I
2C Bus Timing ........................................................................................................425
Figure 16.7 Sample Flowchart for IIC Initialization ...................................................................426
Figure 16.8 Sample Flowchart for Operations in Master Transmit Mode ..................................427
Figure 16.9 Example of Operation Timing in Master Transmit Mode (MLS = WAIT = 0) .......429
Figure 16.10 Example of Stop Condition Issuance Operation Timing
in Master Transmit Mode (MLS = WAIT = 0) .....................................................429
Figure 16.11 Sample Flowchart for Operations in Master Receive Mode (HNDS = 1) .............430
Figure 16.12 Example of Operation Timing in Master Receive Mode
(MLS = WAIT = 0, HNDS = 1) .............................................................................432
Figure 16.13 Example of Stop Condition Issuance Operation Timing
in Master Receive Mode (MLS = WAIT = 0, HNDS = 1)....................................432



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com