Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD64F2145 Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # HD64F2145
Description  Hitachi 16-Bit Single-Chip Microcomputer
PDF  829 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2145 Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button HD64F2145 Datasheet HTML 89Page - Renesas Technology Corp HD64F2145 Datasheet HTML 90Page - Renesas Technology Corp HD64F2145 Datasheet HTML 91Page - Renesas Technology Corp HD64F2145 Datasheet HTML 92Page - Renesas Technology Corp HD64F2145 Datasheet HTML 93Page - Renesas Technology Corp HD64F2145 Datasheet HTML 94Page - Renesas Technology Corp HD64F2145 Datasheet HTML 95Page - Renesas Technology Corp HD64F2145 Datasheet HTML 96Page - Renesas Technology Corp HD64F2145 Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 829 page
background image
Rev. 2.0, 08/02, page 53 of 788
2.7.1
Register Direct—Rn
The register field of the instruction code specifies an 8-, 16-, or 32-bit general register which
contains the operand. R0H to R7H and R0L to R7L can be specified as 8-bit registers. R0 to R7
and E0 to E7 can be specified as 16-bit registers. ER0 to ER7 can be specified as 32-bit registers.
2.7.2
Register Indirect—@ERn
The register field of the instruction code specifies an address register (ERn) which contains the
address of a memory operand. If the address is a program instruction address, the lower 24 bits are
valid and the upper 8 bits are all assumed to be 0 (H'00).
2.7.3
Register Indirect with Displacement—@(d:16, ERn) or @(d:32, ERn)
A 16-bit or 32-bit displacement contained in the instruction code is added to an address register
(ERn) specified by the register field of the instruction, and the sum gives the address of a memory
operand. A 16-bit displacement is sign-extended when added.
2.7.4
Register Indirect with Post-Increment or Pre-Decrement—@ERn+ or @-ERn
Register Indirect with Post-Increment—@ERn+: The register field of the instruction code
specifies an address register (ERn) which contains the address of a memory operand. After the
operand is accessed, 1, 2, or 4 is added to the address register contents and the sum is stored in the
address register. The value added is 1 for byte access, 2 for word access, and 4 for longword
access. For word or longword transfer instructions, the register value should be even.
Register Indirect with Pre-Decrement—@-ERn: The value 1, 2, or 4 is subtracted from an
address register (ERn) specified by the register field in the instruction code, and the result
becomes the address of a memory operand. The result is also stored in the address register. The
value subtracted is 1 for byte access, 2 for word access, and 4 for longword access. For word or
longword transfer instructions, the register value should be even.
2.7.5
Absolute Address—@aa:8, @aa:16, @aa:24, or @aa:32
The instruction code contains the absolute address of a memory operand. The absolute address
may be 8 bits long (@aa:8), 16 bits long (@aa:16), 24 bits long (@aa:24), or 32 bits long
(@aa:32). Table 2.12 indicates the accessible absolute address ranges.
To access data, the absolute address should be 8 bits (@aa:8), 16 bits (@aa:16), or 32 bits
(@aa:32) long. For an 8-bit absolute address, the upper 16 bits are all assumed to be 1 (H'FFFF).
For a 16-bit absolute address, the upper 16 bits are a sign extension. For a 32-bit absolute address,
the entire address space is accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com